Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
22
M9999-052709-A
(408) 944-0800
IOUT is output current of the each channel or ½ of
the total output current
η is the converters efficiency
For this example:
H
1
A
15
2
.
0
kHz
500
V
12
88
.
0
)
V
8
.
1
V
12
88
.
0
(
V
8
.
1
L
μ
=
×
×
×
×
−
×
×
=
If another inductor value is used, the ripple current for
each channel is calculated from the formula below:
A
3
H
1
kHz
500
V
12
88
.
0
)
V
8
.
1
V
12
88
.
0
(
V
8
.
1
I
L
f
V
)
V
V
(
V
I
PP
S
)
MAX
(
IN
OUT
)
MAX
(
IN
OUT
PP
=
μ
×
×
×
−
×
×
=
×
×
×
η
−
×
η
×
=
The output capacitors see less ripple current than each
channel because they are out of phase.
The normalizing factor is
6
.
3
H
1
kHz
500
V
8
.
1
L
f
V
OUT
S
OUT
=
μ
×
=
×
The output ripple current in the 2-phase configuration is
approximately:
A
3
.
2
H
1
kHz
500
V
8
.
1
65
.
0
L
f
V
65
.
0
OUT
S
OUT
=
μ
×
×
=
×
×
For the input and output voltage in this application, going
to a 2-phase design decreased the total output ripple
current from 3APP to 2.3APP.
The peak inductor current in each channel is equal to the
average output current plus one half of the peak to peak
inductor ripple current.
A
5
.
16
A
3
5
.
0
A
15
I
5
.
0
I
I
PP
OUT
PK
=
×
+
=
×
+
=
The RMS inductor current is used to calculate the I
2 × R
losses in the inductor.
A
1
.
15
15
A
3
12
1
1
A
15
I
I
I
12
1
1
I
I
2
)
RMS
(
INDUCTOR
2
OUT
PP
OUT
)
RMS
(
INDUCTOR
=
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
Maximizing efficiency requires the proper selection of
core material and minimizing the winding resistance. The
high frequency operation of the MIC2155 requires the
use of ferrite materials for all but the most cost sensitive
applications. Lower cost iron powder cores may be used
but the increase in core loss will reduce the efficiency of
the power supply. This is especially noticeable at low
output
power.
The
inductor
winding
resistance
decreases efficiency at the higher output current levels.
The winding resistance must be minimized although this
usually comes at the expense of a larger inductor.
The power dissipated in the inductor is equal to the sum
of the core and copper losses. At higher output loads,
the core losses are usually insignificant and can be
ignored. At lower output currents the core losses can be
a significant contributor. Core loss information is usually
available from the magnetics vendor.
For this example a Cooper HCF1305-1R0 inductor was
chosen. Core loss for this application was taken from
the data sheet and is 15mW. Winding resistance is
1.9mohms
Copper loss in the inductor is calculated by the equation
below:
W
43
.
0
m
9
.
1
1
.
15
R
)
I
(
P
2
WINDING
2
)
RMS
(
INDUCTOR
)
COPPER
(
INDUCTOR
=
Ω
×
=
×
=
The resistance of the copper wire, RWINDING, increases
with temperature. If so desired, a more accurate
calculation can be made if the maximum ambient
temperature and temperature rise of the inductor is
known. The value of the winding resistance at operating
temperature is calculated with the formula below.
)
T
Temp
(
0042
.
0
1
(
R
R
20
HOT
)
20
(
WINDING
)
HOT
(
WINDING
−
×
+
×
=
Where:
TempHOT is the temperature of the wire under operating
load
T20 is the ambient temperature
RWINDING(20) is the resistance of the winding at room
temperature, usually specified by the manufacturer.
For this example, the approximate power dissipation is
0.43W. From the manufacturers data sheet this causes a
20°C rise in inductor temperature. Assuming ambient
temperature stayed at 20°C, the maximum winding
resistance would be increased from 1.9mohms to:
Ω
=
°
−
°
×
+
×
Ω
=
m
06
.
2
)
C
20
C
40
(
0042
.
0
1
(
m
9
.
1
R
)
HOT
(
WINDING
Output Capacitor Selection
In this example, the output capacitors are chosen to
keep the output voltage ripple below a specified value.
The output ripple voltage is determined by the capacitors
ESR (equivalent series resistance) and capacitance.
Voltage rating and RMS current capability are two other
important factors in selecting the output capacitor.
Ceramic output capacitors and most polymer capacitors
have very low ESR and are recommended for use with
the MIC2155/6. The output capacitance is usually the
primary cause of output ripple in Ceramic and very low
ESR capacitors.
The minimum value of Cout is
calculated below:
S
OPP
PP
OUT
f
2
V
8
I
C
×
×
Δ
×
≥
Where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com