Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor MIC2155 Datasheet HTML 29Page - Micrel Semiconductor MIC2155 Datasheet HTML 30Page - Micrel Semiconductor MIC2155 Datasheet HTML 31Page - Micrel Semiconductor MIC2155 Datasheet HTML 32Page - Micrel Semiconductor MIC2155 Datasheet HTML 33Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
29
M9999-052709-A
(408) 944-0800
Step 3: Determine the gain boost needed at the
crossover frequency (fc)
Typically, 50° of phase margin can be used for most
applications. This is a good tradeoff between an
overdamped system (slower response to transients) and
an underdamped system (overshoot or unstable
response to transients). It also allows some margin for
component tolerances and variations due to ambient
temperature changes. The phase margin at the
crossover frequency (fc) can be determined by plotting
the Gvd(s) phase on a bode plot or can be estimated
with the following formula:
⎥⎦
⎤
⎢⎣
⎡
+
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
−
×
=
ϕ
−
−
fz
fc
tan
fo
fc
1
fo
Q
fc
tan
1
2
1
M
The additional phase boost required from the error
amplifier is:
M
Boost
52
ϕ
−
°
=
ϕ
Step 4: Determine the frequencies fz2 and fp1
The frequencies for the zero and pole (fz2 and fp1) are
calculated for the desired amount of phase boost at the
crossover frequency (fc).
[]
[]
[]
[]
Boost
Boost
Boost
Boost
sin
1
sin
1
fc
1
fp
sin
1
sin
1
fc
2
fz
ϕ
−
ϕ
+
×
=
ϕ
+
ϕ
−
×
=
Step 5: Determine the frequency for fz1
The low frequency zero, fz1, is initially set to one-fifth of
the LC resonant frequency. If it is set too low, it will force
the low frequency gain to be low and impact transient
response. If set too high, it will not add enough phase
boost at the LC resonant frequency. This could cause
conditional stability, which when the phase drops below -
180° before the gain crosses 0dB. If the DC gain should
drop in this situation, this may lead to an unstable
system.
5
fo
2
fz
=
Step 6: Determine the frequency for fp2
This is the high frequency pole, which is useful in
additional attenuation of the switching frequency. It
should initially be set at half of the switching frequency. If
it is set too low, it will lower the phase margin at the
crossover frequency, making it difficult to achieve the
proper phase margin. If set too high, it will not provide
attenuation of the switching frequency, which could lead
to jitter of the switching waveform or instability under
certain conditions.
2
fs
2
fp
=
Calculating Error Amplifier Component Values
Once the pole and zero frequencies have been fixed, the
error amplifier’s resistor and capacitor values are
calculated.
R1 This value is chosen first. All other component values
are calculated from R1. A value of 10K is suggested. If
R1 is chosen too high, R2 may be very large and the
high impedances could be sensitive to noise. If the
remote sense amplifier is used, R1 must be large
enough so than not more than 500µA of current is drawn
from the amplifier.
R2 The value of R2 is determined from the mid-band
gain of the error amplifier. This gain depends on the
frequencies of the poles, zeros and LC filter resonant
frequency. Based on the amount of gain necessary at
the crossover frequency the mid-band gain and R2 value
is calculated using the following formula.
CO
2
CO
G
1
R
2
R
1
fp
2
fz
fz
fc
fc
fo
Vin
H
Vm
G
×
=
×
⎟
⎠
⎞
⎜
⎝
⎛
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
The other component values are calculated as follows:
2
R
1
fz
2
1
2
C
×
×
π
×
=
1
R
2
fz
2
1
3
C
×
×
π
×
=
)
1
2
R
2
C
1
fp
(
2
2
C
3
C
−
×
×
×
π
×
=
3
C
2
fp
2
1
3
R
×
×
π
×
=
Compensation of the Current Sharing Loop
The control circuitry for Channel 2 forces the channel’s
output current to match the current in Channel 1. The
Channel 2 error amplifier compares the inductor currents
in the two channels and adjusts the duty cycle of
Channel 2 to control its output current. A block diagram
is shown in Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com