Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 6Page - Micrel Semiconductor MIC2155 Datasheet HTML 7Page - Micrel Semiconductor MIC2155 Datasheet HTML 8Page - Micrel Semiconductor MIC2155 Datasheet HTML 9Page - Micrel Semiconductor MIC2155 Datasheet HTML 10Page - Micrel Semiconductor MIC2155 Datasheet HTML 11Page - Micrel Semiconductor MIC2155 Datasheet HTML 12Page - Micrel Semiconductor MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
10
M9999-052709-A
(408) 944-0800
Typical Characteristics (cont.)
0.6950
0.6955
0.6960
0.6965
0.6970
0.6975
0.6980
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Feedback Voltage
vs. Input Voltage
190
191
192
193
194
195
196
197
198
199
200
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
CS Pin Current
vs. Input Voltage
160
170
180
190
200
210
220
TEMPERATURE (°C)
CS Pin Current
vs. Temperature
V
IN
= 12V
V
IN
= 5V
1.000
1.002
1.004
1.006
1.008
1.010
1.012
1.014
1.016
1.018
1.020
1.022
TEMPERATURE (°C)
Differential Amplifier Gain
vs. Temperature
V
IN
= 12V
V
IN
= 5V
0
0.5
1
1.5
2
2.5
3
3.5
TEMPERATURE (°C)
Soft Start Current
vs. Temperature
V
IN
= 12V
V
IN
= 5V
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
TEMPERATURE (°C)
R
DSON
High Side Drive
Source/Sink
SOURCE
SINK
V
IN
= 5V
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TEMPERATURE (°C)
R
DSON
LowSide Drive
Source/Sink
SOURCE
SINK
V
IN
= 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com