Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor MIC2155 Datasheet HTML 29Page - Micrel Semiconductor MIC2155 Datasheet HTML 30Page - Micrel Semiconductor MIC2155 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
27
M9999-052709-A
(408) 944-0800
E/A
Modulator
Filter
C2
C1
C3
R2
R1
R4
R3
VREF = 0.7V
Driver
Q1
Q2
VIN
RESR
CO
L1 || L2
R
Figure 24. Voltage Loop and Transfer Functions
For this analysis, the LC filter in the two phase design is
combined into one. The inductances are in parallel and
the output capacitance is the total sum of all Cout. The
ESR is the parallel combination of all ESRs. The output
load is represented by a resistor R.
The output filter contains a complex double pole formed
by the capacitor and inductor and a zero from the output
capacitor and it’s ESR. The transfer function of the filter
is:
2
o
s
o
Q
2
s
1
z
s
1
)
s
(
Gfilter
⎟
⎠
⎞
⎜
⎝
⎛
ω
+
ω
×
×
+
ω
+
=
where:
L
C
R
Q
L
C
1
o
sr
Re
C
1
z
O
O
O
O
×
=
×
=
ω
×
=
ω
The Modulator Gain is proportional to the input voltage
and inversely proportional to the internal ramp voltage
generated by the oscillator. The MIC2155/6 peak-peak
ramp voltage is 1V.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
RAMP
IN
MOD
V
V
G
The output voltage divider attenuates VOUT and feeds it
back to the error amplifier. The divider gain is:
OUT
REF
V
V
4
R
1
R
4
R
H
=
+
=
The modulator, filter and voltage divider gains can be
multiplied together to show the open loop gain of these
parts.
MOD
FILTER
VD
G
H
)
s
(
G
)
s
(
G
×
×
=
This transfer function is plotted in Figure 25. At low
frequency, the transfer function gain equals the
modulator gain times the voltage divider gain. As the
frequency increases toward the LC filter resonant
frequency, the gain starts to peak. The increase in the
gain’s amplitude equals Q. Just above the resonant
frequency, the gain drops at a -40db/decade rate. The
phase quickly drops from 0° to almost 180° before the
phase boost of the zero brings it back up to -90°. Higher
values of Q will cause the phase to drop quickly. In a
well damped, low Q system the phase will change more
slowly.
90
45
0
-45
-90
-135
-180
FREQUENCY
10
100
1k
10k 100k
1M
Gain
Phase
Figure 25. GVD Transfer Function
As the frequency approaches the zero frequency (Fz),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com