Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 13Page - Micrel Semiconductor MIC2155 Datasheet HTML 14Page - Micrel Semiconductor MIC2155 Datasheet HTML 15Page - Micrel Semiconductor MIC2155 Datasheet HTML 16Page - Micrel Semiconductor MIC2155 Datasheet HTML 17Page - Micrel Semiconductor MIC2155 Datasheet HTML 18Page - Micrel Semiconductor MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
17
M9999-052709-A
(408) 944-0800
Setting the Output Voltage
Regardless of whether the remote sensing or local
output voltage sensing is used, the output voltage is set
with voltage divider resistors R1 and R4 (Figure 12). The
equation below is used to calculate Vout.
⎥⎦
⎤
⎢⎣
⎡ +
×
=
4
R
1
R
1
V
V
REF
OUT
Where VREF=0.7V
Current Limit and Overcurrent Protection
The MIC2155/6 uses the synchronous (low-side)
MOSFETs RDSON to sense an over current condition. The
low-side MOSFET is used because it displays lower
parasitic oscillations after switching then the upper
MOSFET. Additionally, it improves the accuracy and
reduces false tripping at lower voltage outputs and
narrow duty cycles since the off-time increases as duty
cycle decreases.
200µA
MIC2155/6
Q1
Q2
L1
CO
HSD
CS1
RCS
Current Limit
VIN
–IL × RDSON
IL
IL
LSD
Figure 13. Overcurrent Circuit
Inductor current flows from the lower MOSFET source to
the drain during the off-time. The drain voltage becomes
negative with respect to ground as the inductor current
continues to flow from Source to Drain. This negative
voltage is proportional to instantaneous inductor current
times the MOSFET RDSON. The voltage across the low-
side FET becomes even more negative as the output
current increases. The overcurrent circuit operates by
passing a known fixed current source (200µA) through a
resistor RCS. This sets up an offset voltage (ICS × RCS)
that is compared to the VDS of the low-side FET. When
ISD (Source to Drain current) × IL is equal to this voltage,
the MIC2155’s over current trigger is set, which disables
the next high side gate drive pulse. After missing the
high side pulse, the over current (OC) trigger is reset. If
on the next low side drive cycle, the current is still too
high i.e. VCS is ≤ 0V, another high side pulse is missed
and so on. This effectively reduces the overall energy
transferred to the output and VOUT starts to fall.
The MIC2155/6 current limit circuit restricts the
maximum output current. If the load tries to draw
additional current the output voltage drops until it is no
longer within regulation limits. At this point (75% of
nominal output voltage) a hiccup current mode is
initiated to protect down stream loads from excessive
current during hard short circuits. This helps reduce the
overall power dissipation in the PWM converter
components during a fault.
Figure 14. Overcurrent Sense Waveforms
The MIC2155/6 only senses current across the low side
MOSFET of Channel 1 since both channels operate in
parallel. This means the total output current limit is
approximately twice the calculated current limit.
Current Limit Setting
The current limit circuit responds to the peak inductor
current flowing through the low-side FET. The value of
RCS can be estimated with the “simple” method or can be
more accurately calculated by taking the inductor ripple
current into account.
The Simple Method
Current limit can be quickly estimated with the following
equation:
RCS = IOUT/2 × RDSON(MAX)/180µA.
Where: RDSON is the maximum on-resistance of the low
side FET at the operating junction temperature
Accurate Method
For designs where ripple current is significant when
compared to IOUT or for low duty cycle operation,
calculating the current setting resistor RCS should take
into account that we are sensing the peak inductor
current and that there is a blanking delay of
approximately 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com