Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor MIC2155 Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
24
M9999-052709-A
(408) 944-0800
during the MOSFET’s conduction time. If operating at
4.5VIN, without connecting VDD to VIN, the gate drive
voltage to the high-side FET could be as low as 3.2V.
MOSFETs with low VGS enhanced gates should be used
in this situation.
It is important to note the on-resistance of a MOSFET
increases at high junction temperature. A 75°C rise in
junction temperature will increase the channel resistance
of the MOSFET by 40% to 75% of the resistance
specified at 25°C. This change in resistance must be
accounted for when calculating MOSFET power
dissipation.
Total gate charge is the charge required to turn the
MOSFET on and off under specified operating conditions
(VDS and VGS). The gate charge is supplied by the
MIC2155 gate drive circuit. Gate charge can be a
significant source of power dissipation in the controller
due to the high switching frequencies and generally
large MOSFETs that are driven. At low output load this
power dissipation is noticeable as a reduction in
efficiency. The average current required to drive the
MOSFETs is:
fs
Qg
IDD
×
=
where:
Qg is the total gate charge for all high and low
side MOSFETs. This information should be
obtained from the manufacturer’s data sheet with
a 5V VGS.
Since the current from the gate drive comes from the
input voltage, the power dissipated in the MIC2155 due
to gate drive is:
IN
S
DRIVE
_
GATE
V
f
Qg
P
×
×
=
A convenient figure of merit for switching MOSFETs is
the on-resistance times the total gate charge (RDSON ×
Qg). Lower numbers translate into higher efficiency. Low
gate charge, logic level MOSFETs are a good choice for
use with the MIC2155. The internal LDO that supplies
VDD is rated for 75mA. Exceeding this value could
damage the regulator or cause excessive power
dissipation in the IC. Refer to the “Supply Voltages and
Internal Regulator” section of this specification for
additional information.
Parameters that are important to MOSFET switch
selection are:
• Voltage rating
• On resistance
• Total Gate Charge
The VDS voltage rating of the MOSFETs is essentially
equal to the input voltage. A safety factor of 20% should
be added to the VDS(max) of the MOSFETs to account for
voltage spikes due to circuit parasitics.
The power dissipated in the switching transistor is the
sum of the conduction losses during the on-time
(PCONDUCTION) and the switching losses that occur during
the period of time when the MOSFETs turn on and off
(PAC).
AC
CONDUCTION
SW
P
P
P
+
=
where:
)
on
(
AC
)
off
(
AC
AC
SWITCH
2
)
rms
(
SWITCH
CONDUCTION
P
P
P
R
I
P
+
=
×
=
RSWITCH is the on resistance of the MOSFET switch.
Making the assumption the turn-on and turn-off transition
times are equal, the total AC switching loss is:
S
t
PEAK
_
SW
D
IN
AC
f
T
I
)
V
V
(
P
×
×
×
+
=
Where:
Tt is the switching transition time (typically 15ns
to 30ns)
fS it the switching frequency of each phase
RMS Current and MOSFET Power Dissipation
Calculation
Under normal operation, the high side MOSFET’s RMS
current is greatest when VIN is low (maximum duty
cycle). The low side MOSFET’s RMS current is greatest
when VIN is high (minimum duty cycle). However, the
MOSFET sees maximum stress during short circuit
conditions, where the output current is equal to the
maximum overcurrent level. The calculations below are
for normal operation. To calculate the stress under short
circuit conditions, substitute the maximum overcurrent
level for IOUT(max).
The RMS value of the high side switch current is:
()
)
12
I
I
(
D
1
I
)
12
I
I
(
D
I
2
PP
2
(max)
OUT
)
SIDE
_
LOW
(
RMS
_
SW
2
PP
2
(max)
OUT
)
SIDE
_
HIGH
(
RMS
_
SW
+
−
=
+
=
where:
D is the duty cycle of the converter
IPP is the individual inductor ripple current
IN
OUT
V
V
D
×
η
=
and
η is the efficiency of the converter.
Converter efficiency also depends on other component
parameters that have not yet been selected. For design
purposes, an efficiency estimate of 85%-90% can be
used. The efficiency can be more accurately calculated
once the design is complete. If the assumed efficiency is
grossly inaccurate, a second iteration through the design
procedure should be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com