Electronic Components Datasheet Search
  English  ▼

X  

MIC2155 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC2155
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC2155 Datasheet HTML 19Page - Micrel Semiconductor MIC2155 Datasheet HTML 20Page - Micrel Semiconductor MIC2155 Datasheet HTML 21Page - Micrel Semiconductor MIC2155 Datasheet HTML 22Page - Micrel Semiconductor MIC2155 Datasheet HTML 23Page - Micrel Semiconductor MIC2155 Datasheet HTML 24Page - Micrel Semiconductor MIC2155 Datasheet HTML 25Page - Micrel Semiconductor MIC2155 Datasheet HTML 26Page - Micrel Semiconductor MIC2155 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
23
M9999-052709-A
(408) 944-0800
ΔVOPP is the peak to peak output voltage ripple
IPP is the peak to peak ripple current as see by the
capacitors
fS is the per channel switching frequency
Notice the calculation is performed at 2x the switching
frequency since the capacitors see ripple current from
both phases.
For this example, using ΔVOPP = 10mV, the minimum
COUT is:
F
29
kHz
500
2
mV
10
8
3
.
2
COUT
μ
=
×
×
×
≥
A capacitance value this low is usually not used in high
current converters because of transient output current
requirements.
For this example, 500µF total capacitance is used. It is
split up into (4) 47µF Ceramic capacitors and (2) 150µF
Aluminum Polymer capacitors
The total output ripple is a combination of the ESR and
the output capacitance. The total ripple is calculated
below:
[]2
ESR
PP
2
S
OUT
PP
OUT
R
I
f
2
C
8
I
V
×
+
⎥
⎦
⎤
⎢
⎣
⎡
×
×
×
=
Δ
To increase reliability, the recommended voltage rating
of capacitor should be twice the output voltage for a
tantalum and 20% greater for an aluminum electrolytic or
Ceramic.
The output capacitor RMS current is calculated below:
A
66
.
0
12
A
3
.
2
12
I
I
PP
)
RMS
(
COUT
=
=
=
The power dissipated in the output capacitors can be
calculated by the equation below:
()
ESR
2
)
RMS
(
COUT
)
COUT
(
DISS
R
I
P
×
=
Inductor Current Sense Components
The RC circuit values that sense current across the
inductor can be calculated once the inductor is selected.
The circuit is shown in Figure 20.
Q2
Output Inductor and
Winding Resistance
Figure 20. Inductor Current Sense
The inductor has the following values:
L = 1.0µH, R L= 1.9mΩ
Proper sensing of the DC voltage across the inductor
requires the RL/L time constant be equal to the R1×C1
time constant.
1
R
1
C
R
L
L
×
=
A good range of values for C1 is 0.1µF to 1µF. For this
example C1 is chosen as 0.22µF. R1 is:
k
39
.
2
F
22
.
0
m
9
.
1
H
1
1
C
R
L
1
R
L
=
μ
×
Ω
μ
=
×
=
Input Capacitor Selection
In addition to high frequency Ceramic capacitors, a
larger bulk capacitance, either Ceramic or Al. El. should
be used to help attenuate ripple on the input and to
supply current to the input during large output current
transients. The input capacitors must be rated for the
RMS input current of the power supply. RMS input
capacitor current is determined at the maximum output
current. The graph in Figure 21 shows the normalized
RMS input ripple current vs. duty cycle. Data is
normalized to the output current.
For a 2 phase converter operating at 17% duty cycle, the
input RMS current is determined from the graph:
A
2
.
7
24
.
0
I
I
OUT
RMS
_
CIN
=
×
≈
The power dissipated in the input capacitor is:
(
)
ESR
2
)
RMS
(
CIN
)
CIN
(
DISS
R
I
P
×
=
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
DUTY CYCLE
Single Phase
2 Phase
Figure 21. RMS Input Current vs. Duty Cycle
MOSFET Selection
External N-Channel logic level power MOSFETs must be
used for the high and low side switches. The MOSFET
gate to source drive voltage of the MIC2155 is regulated
by an internal 5V VDD regulator. Logic level MOSFETs,
whose operation is specified at VGS = 4.5V must be
used. This resistance is used to calculate the losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com