Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 7Page - SMSC Corporation USB2512A Datasheet HTML 8Page - SMSC Corporation USB2512A Datasheet HTML 9Page - SMSC Corporation USB2512A Datasheet HTML 10Page - SMSC Corporation USB2512A Datasheet HTML 11Page - SMSC Corporation USB2512A Datasheet HTML 12Page - SMSC Corporation USB2512A Datasheet HTML 13Page - SMSC Corporation USB2512A Datasheet HTML 14Page - SMSC Corporation USB2512A Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
11
Revision 1.0 (3-11-09)
DATASHEET
Chapter 4 Block Diagram
Figure 4.1 USB251x Hub Family Block Diagram
Note 4.1
USB2512A/USB2512Ai only supports a single transaction translator.
Note 4.2
The LED port indicators only apply to USB2513/14 (48QFN only) and USB2517/17i.
To Upstream
VBUS
3.3 V
Upstream
PHY
Upstream
USB Data
Repeater
Controller
Serial
Interface
Engine
Serial
Interface
To EEPROM or
SMBus Master
SCK
SDA
Port
Controller
Bus-
Power
Detect/
Vbus Pulse
PHY#1
USB Data
Downstream
OC
Sense
Switch/
LED
Drivers
USB Data
Downstream
Port
Power
3.3 V
PLL
24 MHz
Crystal
Routing & Port Re-Ordering Logic
Regulator
CRFILT
Port
Power
Regulator
PHY#x
Port #x
OC Sense
Switch Driver/
LED Drivers
TT
#x
TT
#1
...
Port #1
OC Sense
Switch Driver/
LED Drivers
OC
Sense
Switch/
LED
Drivers
...
The ‘x’ indicates the number of available downstream ports: 2, 3, 4, or 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com