Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 65 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 65 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 61Page - SMSC Corporation USB2512A Datasheet HTML 62Page - SMSC Corporation USB2512A Datasheet HTML 63Page - SMSC Corporation USB2512A Datasheet HTML 64Page - SMSC Corporation USB2512A Datasheet HTML 65Page - SMSC Corporation USB2512A Datasheet HTML 66Page - SMSC Corporation USB2512A Datasheet HTML 67Page - SMSC Corporation USB2512A Datasheet HTML 68Page - SMSC Corporation USB2512A Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
65
Revision 1.0 (3-11-09)
DATASHEET
Note 9.5
Capacitance TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V
Table 9.2 Pin Capacitance
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input
Capacitance
CXTAL
2
pF
All pins except USB pins and the pins
under the test tied to AC ground.
Input Capacitance
CIN
10
pF
(See Note 9.5)
Output Capacitance
COUT
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com