Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 40Page - SMSC Corporation USB2512A Datasheet HTML 41Page - SMSC Corporation USB2512A Datasheet HTML 42Page - SMSC Corporation USB2512A Datasheet HTML 43Page - SMSC Corporation USB2512A Datasheet HTML 44Page - SMSC Corporation USB2512A Datasheet HTML 45Page - SMSC Corporation USB2512A Datasheet HTML 46Page - SMSC Corporation USB2512A Datasheet HTML 47Page - SMSC Corporation USB2512A Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
44
SMSC USB251x
DATASHEET
8.2.1.22
Register 15h: Serial String Length
8.2.1.23
Register 16h-53h: Manufacturer String
8.2.1.24
Register 54h-91h: Product String
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
SER_STR_LEN
Serial String Length
When supported, the maximum string length is 31 characters.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
MFR_STR
Manufacturer String, UNICODE UTF-16LE per USB 2.0 specification
When supported, the maximum string length is 31 characters (62 bytes).
Note:
The string consists of individual 16-bit UNICODE UTF-16LE
characters. The Characters will be stored starting with the LSB at
the least significant address and the MSB at the next 8-bit location
(subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM
programmers may transpose the MSB and LSB, thus reversing the
Byte order. Please pay careful attention to the Byte ordering or
your selected programming tools.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PRD_STR
Product String, UNICODE UTF-16LE per USB 2.0 specification
When supported, the maximum string length is 31 characters (62 bytes).
Note:
The string consists of individual 16-bit UNICODE UTF-16LE
characters. The Characters will be stored starting with the LSB at
the least significant address and the MSB at the next 8-bit location
(subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM
programmers may transpose the MSB and LSB, thus reversing the
Byte order. Please pay careful attention to the Byte ordering or
your selected programming tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com