Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 41Page - SMSC Corporation USB2512A Datasheet HTML 42Page - SMSC Corporation USB2512A Datasheet HTML 43Page - SMSC Corporation USB2512A Datasheet HTML 44Page - SMSC Corporation USB2512A Datasheet HTML 45Page - SMSC Corporation USB2512A Datasheet HTML 46Page - SMSC Corporation USB2512A Datasheet HTML 47Page - SMSC Corporation USB2512A Datasheet HTML 48Page - SMSC Corporation USB2512A Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
45
Revision 1.0 (3-11-09)
DATASHEET
8.2.1.25
Register 92h-CFh: Serial String
8.2.1.26
Register D0h: Battery Charging Enable
8.2.1.27
Register F6h: Boost_Up
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
SER_STR
Serial String, UNICODE UTF-16LE per USB 2.0 specification
When supported, the maximum string length is 31 characters (62 bytes).
Note:
The string consists of individual 16-bit UNICODE UTF-16LE
characters. The Characters will be stored starting with the LSB at
the least significant address and the MSB at the next 8-bit location
(subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM
programmers may transpose the MSB and LSB, thus reversing the
Byte order. Please pay careful attention to the Byte ordering or
your selected programming tools.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
BC_EN
Only available in USB251xB/Bi hub family products.
Battery Charging Enable: Enables the battery charging feature for the
corresponding port.
'0' = Battery Charging support is not enabled
'1' = Battery charging support is enabled
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Controls Port 4
Bit 3= Controls Port 3
Bit 2= Controls Port 2
Bit 1= Controls Port 1
Bit 0= Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION
7:2
Reserved
Reserved
1:0
BOOST_IOUT
USB electrical signaling drive strength Boost Bit for the Upstream Port.
‘00’ = Normal electrical drive strength = No boost
‘01’ = Elevated electrical drive strength = Low (~ 4% boost)
‘10’ = Elevated electrical drive strength = Medium (~ 8% boost)
‘11’ = Elevated electrical drive strength = High (~12% boost)
Note:
“Boost” could result in non-USB Compliant parameters, OEM
should use a ‘00’ value unless specific implementation issues
require additional signal boosting to correct for degraded USB
signalling levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com