Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 62 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 62 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 58Page - SMSC Corporation USB2512A Datasheet HTML 59Page - SMSC Corporation USB2512A Datasheet HTML 60Page - SMSC Corporation USB2512A Datasheet HTML 61Page - SMSC Corporation USB2512A Datasheet HTML 62Page - SMSC Corporation USB2512A Datasheet HTML 63Page - SMSC Corporation USB2512A Datasheet HTML 64Page - SMSC Corporation USB2512A Datasheet HTML 65Page - SMSC Corporation USB2512A Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
62
SMSC USB251x
DATASHEET
O12, I/O12 &I/OSD12 Type Buffer
Low Output Level
High Output Level
Output Leakage
Hysteresis (‘SD’ pad only)
VOL
VOH
IOL
VHYSC
2.4
-10
250
0.4
+10
350
V
V
μA
mV
IOL = 12 mA @
VDD33
= 3.3 V
IOH = -12 mA @
VDD33
= 3.3 V
VIN = 0 to VDD33
(Note 9.1)
IO-U
(Note 2)
Supply Current Unconfigured
Hi-Speed Host
USB2512/12A/12B
USB2512i/12Ai/12Bi
USB2513/13B
USB2513i/13Bi
USB2514/14B
USB2514i/14Bi
USB2517
USB2517i
ICCINTHS
ICCINTHS
ICCINTHS
ICCINTHS
ICCINTHS
ICCINTHS
ICCINTHS
ICCINTHS
90
90
95
95
95
95
120
120
95
95
105
105
105
105
130
130
mA
mA
mA
mA
mA
mA
mA
mA
Supply Current Unconfigured
Full-Speed Host
USB2512/12A/12B
USB2512i/12Ai/12Bi
USB2513/13B
USB2513i/13Bi
USB2514/14B
USB2514i/14Bi
USB2517
USB2517i
ICCINITFS
ICCINITFS
ICCINITFS
ICCINITFS
ICCINITFS
ICCINITFS
ICCINITFS
ICCINITFS
80
80
80
80
80
80
105
105
85
85
90
90
90
90
115
115
mA
mA
mA
mA
mA
mA
mA
mA
Table 9.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com