Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 37Page - SMSC Corporation USB2512A Datasheet HTML 38Page - SMSC Corporation USB2512A Datasheet HTML 39Page - SMSC Corporation USB2512A Datasheet HTML 40Page - SMSC Corporation USB2512A Datasheet HTML 41Page - SMSC Corporation USB2512A Datasheet HTML 42Page - SMSC Corporation USB2512A Datasheet HTML 43Page - SMSC Corporation USB2512A Datasheet HTML 44Page - SMSC Corporation USB2512A Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
41
Revision 1.0 (3-11-09)
DATASHEET
8.2.1.11
Register 0Ah: Port Disable For Self-Powered Operation
8.2.1.12
Register 0Bh: Port Disable For Bus-Powered Operation
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_SP
Port Disable Self-Powered: Disables 1 or more ports.
0 = Port is available
1 = Port is disabled
During self-powered operation when mapping mode is disabled
(PRTMAP_EN='0'), this selects the ports which will be permanently disabled,
and are not available to be enabled or enumerated by a host controller. The
ports can be disabled in any order, the internal logic will automatically report
the correct number of enabled ports to the USB host, and will reorder the
active ports in order to ensure proper function.
When using the internal default option, the PRT_DIS_P[x:1] and
PRT_DIS_M[x:1] pins will disable the appropriate ports.
Bit 7= Controls Port 7
Bit 6= Controls Port 6
Bit 5= Controls Port 5
Bit 4= Controls Port 4
Bit 3= Controls Port 3
Bit 2= Controls Port 2
Bit 1= Controls Port 1
Bit 0= Reserved, always = ‘0’
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_DIS_BP
Port Disable Bus-Powered: Disables 1 or more ports.
0 = Port is available
1 = Port is disabled
During self-powered operation when mapping mode is disabled
(PRTMAP_EN='0'), this selects the ports which will be permanently disabled,
and are not available to be enabled or enumerated by a host Controller. The
ports can be disabled in any order, the internal logic will automatically report
the correct number of enabled ports to the USB host, and will reorder the
active ports in order to ensure proper function.
When using the internal default option, the PRT_DIS_P[x:1] and
PRT_DIS_M[x:1] pins will disable the appropriate ports.
Bit 7= Controls Port 7
Bit 6= Controls Port 6
Bit 5= Controls Port 5
Bit 4= Controls Port 4
Bit 3= Controls Port 3
Bit 2= Controls Port 2
Bit 1= Controls Port 1
Bit 0 is Reserved, always = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com