Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 25Page - SMSC Corporation USB2512A Datasheet HTML 26Page - SMSC Corporation USB2512A Datasheet HTML 27Page - SMSC Corporation USB2512A Datasheet HTML 28Page - SMSC Corporation USB2512A Datasheet HTML 29Page - SMSC Corporation USB2512A Datasheet HTML 30Page - SMSC Corporation USB2512A Datasheet HTML 31Page - SMSC Corporation USB2512A Datasheet HTML 32Page - SMSC Corporation USB2512A Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
29
Revision 1.0 (3-11-09)
DATASHEET
Chapter 6 LED Usage Description
6.1
LED Functionality
USB2513 and USB2514 (48-pin QFN only) and USB2517/17i SMSC hubs support two different
(mutually exclusive) LED modes. The ‘x’ represents the number of downstream ports. The USB mode
provides up to 14 LED’s that conform to the USB 2.0 specification functional requirements for Green
and Amber LED’s. The LED mode “speed indicator” provides the downstream device connection
speed.
6.1.1
USB Mode 14-Wire
The LED_A_N[x:1] pins are used to provide Green LED support as defined in the USB 2.0
specification. The LED_B_N[x:1] pins are used to provide Amber LED support as defined in the USB
2.0 specification. The USB specification defines the LED’s as port status indicators for the downstream
ports. Please note that no indication of port speed is possible in this mode. The pins are utilized as
follows:
LED_A_N[x:1] = Port [x:1] green LED
LED_B_N[x:1] = Port [x:1] amber LED
6.1.2
LED Mode Speed Indication
The LED_A[x:1]_N pins are used to provide connection status as well as port speed by using dual
color LED's. This scheme requires that the LED's be in the same package, and that a third color is
produced so that the user perceives both LED's as being driven "simultaneously".
The LED_A[x:1] pins used in this mode are connected to x number of dual color LED’s (each LED pair
in a single package). These pins indicate the USB speed of each attached downstream device.
Each dual color LED provides two separate colors (commonly Green and Red). If each of these
separate colors are pulsed on and off at a rapid rate, a user will see a third color (in this example,
Orange). Using this method, 4 different "color" states are possible (Green, Red, Orange, and Off).
Figure 6.1 Dual Color LED Implementation Example
Hub LED pin
D1A (Green LED)
D1B (Red LED)
3.3 V
General
Purpose
Diode
Current Limiting
Resistor
Connection to
other Dual Color
Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com