Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 39Page - SMSC Corporation USB2512A Datasheet HTML 40Page - SMSC Corporation USB2512A Datasheet HTML 41Page - SMSC Corporation USB2512A Datasheet HTML 42Page - SMSC Corporation USB2512A Datasheet HTML 43Page - SMSC Corporation USB2512A Datasheet HTML 44Page - SMSC Corporation USB2512A Datasheet HTML 45Page - SMSC Corporation USB2512A Datasheet HTML 46Page - SMSC Corporation USB2512A Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
43
Revision 1.0 (3-11-09)
DATASHEET
8.2.1.16
Register 0Fh: Hub Controller Max Current For Bus-Powered Operation
8.2.1.17
Register 10h: Power-On Time
8.2.1.18
Register 11h: Language ID High
8.2.1.19
Register 12h: Language ID Low
8.2.1.20
Register 13h: Manufacturer String Length
8.2.1.21
Register 14h: Product String Length
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
HC_MAX_C_BP
Hub Controller Max Current Bus-Powered: Value in 2 mA increments that the
hub consumes from an upstream port (VBUS) when operating as a bus-
powered hub. This value will include the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board.
This value will NOT include the power consumption of a permanently
attached peripheral if the hub is configured as a compound device.
A value of 50 (decimal) would indicate 100 mA, which is the default value.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
POWER_ON_TIME
Power-On Time: The length of time that it takes (in 2 ms intervals) from the
time the host initiated power-on sequence begins on a port until power is
adequate on that port.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
LANG_ID_H
USB Language ID (Upper 8 bits of a 16-bit ID field)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
LANG_ID_L
USB Language ID (Lower 8 bits of a 16-bit ID field)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
MFR_STR_LEN
Manufacturer String Length
When supported, the maximum string length is 31 characters.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PRD_STR_LEN
Product String Length
When supported, the maximum string length is 31 characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com