| Electronic Components Datasheet Search |
|
USB2512A Datasheet(PDF) 34 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2512A Datasheet(HTML) 34 Page - SMSC Corporation |
|
34 / 72 page ![]() USB 2.0 Hi-Speed Hub Controller Datasheet Revision 1.0 (3-11-09) 34 SMSC USB251x DATASHEET Note: When the CFG_SEL[2] pin is unavailable, then the logic is internally tied to ‘0’. 8.1.2.1 Power Switching Polarity When the PRTPWR_POL pin is unavailable (3 and 4 port, 48-pin packages only), the hub only supports “active high” port power controllers. 8.1.3 VBus Detect According to Section 7.2.1 of the USB 2.0 specification, a downstream port can never provide power to its D+ or D- pull-up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the hub monitors the state of the upstream VBUS signal and will not pull-up the D+ resistor if VBUS is not active. If VBUS goes from an active to an inactive state (Not Powered), the hub will remove power from the D+ pull-up resistor within 10 seconds. 8.2 EEPROM Interface The SMSC hub can be configured via a 2-wire (I2C) EEPROM (256x8). (Please see Table 8.1, "Hub Configuration Options" for specific details on how to enable configuration via an I2C EEPROM). The internal state-machine will (when configured for EEPROM support) read the external EEPROM for configuration data. The hub will then “attach” to the upstream USB host. Note: The hub does not have the capacity to write, or “Program,” an external EEPROM. The hub only has the capability to read external EEPROMs. The external eeprom will be read (even if it is blank or non-populated), and the hub will be “configured” with the values that are read. 1 0 0 Internal Default Configuration with the following over-rides Dynamic power-switching enabled Strap options disabled LED mode = Speed (when available on package) Individual power switching Individual over-current sensing 1 0 1 Internal Default Configuration with the following over-rides Dynamic setting enabled Strap options disabled LED mode = USB (when available on package) Individual power switching Individual over-current sensing 1 1 0 Internal Default Configuration with the following over-rides Strap options disabled LED mode = Speed (when available on package) Individual power switching Individual over-current sensing 1 1 1 Internal Default Configuration with the following over-rides Strap options disabled LED mode = USB (when available on package) Ganged port power switching Ganged over-current sensing Table 8.1 Hub Configuration Options (continued) CFG_SEL[2] CFG_SEL[1] CFG_SEL[0] DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |