Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 22 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 22 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 18Page - SMSC Corporation USB2512A Datasheet HTML 19Page - SMSC Corporation USB2512A Datasheet HTML 20Page - SMSC Corporation USB2512A Datasheet HTML 21Page - SMSC Corporation USB2512A Datasheet HTML 22Page - SMSC Corporation USB2512A Datasheet HTML 23Page - SMSC Corporation USB2512A Datasheet HTML 24Page - SMSC Corporation USB2512A Datasheet HTML 25Page - SMSC Corporation USB2512A Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
22
SMSC USB251x
DATASHEET
5.2
USB251x Pin Descriptions (Grouped by Function)
Table 5.2 USB251x Pin Descriptions
SYMBOL
BUFFER
TYPE
DESCRIPTION
UPSTREAM USB 2.0 INTERFACES
USBDM_UP
USBDP_UP
IO-U
USB Data
These pins connect to the upstream USB bus data signals (host, port, or
upstream hub).
VBUS_DET
I/O12
Detect Upstream VBUS Power
Detects state of Upstream VBUS power. The SMSC hub monitors
VBUS_DET to determine when to assert the internal D+ pull-up resistor which
signals a connect event.
When designing a detachable hub, this pin should be connected to VBUS on
the upstream port via a 2 to 1 voltage divider.
For self-powered applications with a permanently attached host, this pin must
be connected to 3.3 V (typically VDD33).
DOWNSTREAM USB 2.0 INTERFACES
USBDP_DN[x:1]/
PRT_DIS_P[x:1]
IO-U
Hi-Speed USB Data
These pins connect to the downstream USB peripheral devices attached to
the hub’s port. To disable, pull up with a 10 K resistor to 3.3 V.
USBDM_DN[x:1]/
PRT_DIS_M[x:1]
Downstream Port Disable Strap Option
If this strap is enabled by package and configuration settings (see Table 8.1,
"Hub Configuration Options"), then this pin will be sampled at RESET_N
negation to determine if the port is disabled.
To disable a port, pull up both PRT_DIS_M[x:1] and PRT_DIS_P[x:1] pins
corresponding to the port numbers.
PRTPWR[x:1] /
BC_EN[x]
O12
USB Power Enable
Enables power to USB peripheral devices downstream.
When PRTPWR_POL pin is unavailable, the hub supports active high power
controllers only.
When PRTPWR_POL pin is available, the active signal level of the PRTPWR
pins is determined by the power polarity strapping function of the
PRTPWR_POL pin.
IPD
Battery Charging Strap Option
*This feature is only available on USB251xB/Bi.
If this strap is enabled by package and configuration settings, (see Table 8.1,
"Hub Configuration Options"), this pin will be sampled at RESET_N negation
to determine if ports [x:1] support the battery charging protocol (and thus the
supporting external port power controllers) that would enable a device to draw
the currents per the USB battery charging specification.
BC_EN[x] = 1: Battery charging feature is supported for port x
BC_EN[x] = 0: Battery charging feature is not supported for
port x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com