Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 52 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 52 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 48Page - SMSC Corporation USB2512A Datasheet HTML 49Page - SMSC Corporation USB2512A Datasheet HTML 50Page - SMSC Corporation USB2512A Datasheet HTML 51Page - SMSC Corporation USB2512A Datasheet HTML 52Page - SMSC Corporation USB2512A Datasheet HTML 53Page - SMSC Corporation USB2512A Datasheet HTML 54Page - SMSC Corporation USB2512A Datasheet HTML 55Page - SMSC Corporation USB2512A Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
52
SMSC USB251x
DATASHEET
8.2.1.35
Register FFh: Status/Command
8.2.2
I2C EEPROM
The I2C EEPROM interface implements a subset of the I2C Master specification (Please refer to the
Philips Semiconductor Standard I2C-Bus specification for details on I2C bus protocols). The SMSC
hub’s I2C EEPROM interface is designed to attach to a single “dedicated” I2C EEPROM, and it
conforms to the Standard-mode I2C specification (100 kbit/s transfer rate and 7-bit addressing) for
protocol and electrical compatibility.
Note: Extensions to the I2C specification are not supported.
The hub acts as the master and generates the serial clock SCL, controls the bus access (determines
which device acts as the transmitter and which device acts as the receiver), and generates the START
and STOP conditions.
8.2.2.1
Implementation Characteristics
The hub will only access an EEPROM using the sequential read protocol.
8.2.2.2
Pull-Up Resistor
The circuit board designer is required to place external pull-up resistors (10 k
Ω recommended) on the
SDA / SMBDATA & SCL / SMBCLK / CFG_SEL[0] lines (per SMBus 1.0 specification, and EEPROM
manufacturer guidelines) to VDD33 in order to assure proper operation.
8.2.2.3
I2C EEPROM Slave Address
The slave address is 1010000.
Note: 10-bit addressing is NOT supported.
8.2.3
In-Circuit EEPROM Programming
The EEPROM can be programmed via ATE (automatic test equipment) by pulling RESET_N low
(which tri-states the hub’s EEPROM interface and allows an external source to program the EEPROM).
BIT
NUMBER
BIT NAME
DESCRIPTION
7:3
Reserved
Reserved
2
INTF_PW_DN
SMBus Interface Power Down
‘0’ = Interface is active
‘1’ = Interface power down after ACK has completed
1
RESET
Reset the SMBus Interface and internal memory back to RESET_N
assertion default settings.
‘0’ = Normal Run/Idle State
‘1’ = Force a reset of registers to their default state
0
USB_ATTACH
USB Attach (and write protect)
‘0’ = SMBus slave interface is active
‘1’ = The hub will signal a USB attach event to an upstream device, and the
internal memory (address range 00h-FEh) is “write-protected” to prevent
unintentional data corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com