Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 60 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 60 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 56Page - SMSC Corporation USB2512A Datasheet HTML 57Page - SMSC Corporation USB2512A Datasheet HTML 58Page - SMSC Corporation USB2512A Datasheet HTML 59Page - SMSC Corporation USB2512A Datasheet HTML 60Page - SMSC Corporation USB2512A Datasheet HTML 61Page - SMSC Corporation USB2512A Datasheet HTML 62Page - SMSC Corporation USB2512A Datasheet HTML 63Page - SMSC Corporation USB2512A Datasheet HTML 64Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
60
SMSC USB251x
DATASHEET
Chapter 9 DC Parameters
9.1
Maximum Guaranteed Ratings
Note 9.1
Stresses above the specified parameters could cause permanent damage to the device.
This is a stress rating only and functional operation of the device at any condition above
those indicated in the operation sections of this specification is not implied.
Note 9.2
When powering this device from laboratory or system power supplies, it is important that
the absolute maximum ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when the AC power is switched on or off.
In addition, voltage transients on the AC power line may appear on the DC output. When
this possibility exists, it is suggested that a clamp circuit be used.
9.2
Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Storage
Temperature
TSTOR
-55
150
°C
Lead
Temperature
Refer to JEDEC Specification J-STD-
020D.
3.3 V supply
voltage
VDD33
PLLFILT
CRFILT
4.6
V
Applies to all parts.
Voltage on any
I/O pin
-0.5
5.5
V
Voltage on
XTALIN
-0.5
4.0
V
Voltage on
XTALOUT
-0.5
2.5
V
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Commercial
Operating
Temperature
TA
0
70
°C
Ambient temperature in still air.
Only applies to USB251x, USB251xA,
and USB251xB products.
Industrial
Operating
Temperature
TAI
-40
85
°C
Ambient temperature in still air.
Only applies to USB251xi,
USB251xAi, and USB251xBi
products.
3.3 V supply voltage
VDD33
3.0
3.6
V
Applies to all parts.
3.3 V supply rise
time
tRT
0
400
μs
See Figure 9.1
Voltage on any I/O
pin
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX becomes:
(3.3 V supply voltage) + 0.5
Voltage on XTALIN
-0.3
VDD33
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com