Electronic Components Datasheet Search
  English  ▼

X  

USB2512A Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512A Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB2512A Datasheet HTML 32Page - SMSC Corporation USB2512A Datasheet HTML 33Page - SMSC Corporation USB2512A Datasheet HTML 34Page - SMSC Corporation USB2512A Datasheet HTML 35Page - SMSC Corporation USB2512A Datasheet HTML 36Page - SMSC Corporation USB2512A Datasheet HTML 37Page - SMSC Corporation USB2512A Datasheet HTML 38Page - SMSC Corporation USB2512A Datasheet HTML 39Page - SMSC Corporation USB2512A Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
36
SMSC USB251x
DATASHEET
8.2.1.1
Register 00h: Vendor ID (LSB)
8.2.1.2
Register 01h: Vendor ID (MSB)
54h-91h
Product String
R
00
92h-CFh
Serial String
R
00
D0h
Battery Charging Enable
R
00
E0h
Reserved
00
R
F5h
Reserved
00
R
00
F6h
Boost_Up
00
F7h
Boost_7:5
00
R
00
F8h
Boost_x:0
00
F9h
Reserved
00
FAh
Port Swap
00
FBh
Port Map 12
00
FCh
Port Map 34
R
00
R
00
FDh
Port Map 56
R
00
FEh
Port Map 7
R
00
FFh
Status/Command
Note: SMBus register only
00
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Table 8.2 Internal Default, EEPROM and SMBus Register Memory Map (continued)
ADDRESS
REGISTER NAME
DEFAULT ROM VALUES (HEXIDECIMAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com