Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 10 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 6Page - SMSC Corporation CAP1066 Datasheet HTML 7Page - SMSC Corporation CAP1066 Datasheet HTML 8Page - SMSC Corporation CAP1066 Datasheet HTML 9Page - SMSC Corporation CAP1066 Datasheet HTML 10Page - SMSC Corporation CAP1066 Datasheet HTML 11Page - SMSC Corporation CAP1066 Datasheet HTML 12Page - SMSC Corporation CAP1066 Datasheet HTML 13Page - SMSC Corporation CAP1066 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
10
SMSC CAP1066
DATASHEET
The pin types are described in detail below. All pins labeled with (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed 3.6V
when the CAP1066 is unpowered.
APPLICATION NOTE: The SPI_CS# pin should be grounded when SMBus, I2C, or BC-Link communications are
used.
20
RESET
Active high soft reset for system - resets all registers to default
values. This pin contains an internal 50uA pull-down current.
DI (5V)
Bottom Pad
GND
Ground
Power
Table 1.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the
device.
DI
Digital Input - This pin is used as a digital input. This
pin is 5V tolerant.
AIO
Analog Input / Output -This pin is used as an I/O for
analog signals.
DIOD
Digital Input / Open Drain Output- This pin is used as a
digital I/O. When it is used as an output, it is open drain
and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor.
This pin is 5V tolerant.
DO
Push-pull Digital Output - This pin is used as a digital
output and can sink and source current.
DIO
Push-pull Digital Input / Output - This pin is used as an
I/O for digital signals.
Table 1.1 Pin Description for CAP1066 (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com