Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 62 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 58Page - SMSC Corporation CAP1066 Datasheet HTML 59Page - SMSC Corporation CAP1066 Datasheet HTML 60Page - SMSC Corporation CAP1066 Datasheet HTML 61Page - SMSC Corporation CAP1066 Datasheet HTML 62Page - SMSC Corporation CAP1066 Datasheet HTML 63Page - SMSC Corporation CAP1066 Datasheet HTML 64Page - SMSC Corporation CAP1066 Datasheet HTML 65Page - SMSC Corporation CAP1066 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
62
SMSC CAP1066
DATASHEET
5.32
LED Duty Cycle Registers
The LED Duty Cycle registers determine the minimum and maximum duty cycle settings used for the
LED for each LED behavior. These settings affect the brightness of the LED when it is fully off and
fully on.
The LED driver duty cycle will ramp up from the minimum duty cycle (see Section 5.32) to the
maximum duty cycle and back down again.
APPLICATION NOTE: Changes to the Duty Cycle settings will be applied immediately. When the respective register
is written, the LED output will be reset to the minimum (or maximum) setting and restarted
at the updated settings.
APPLICATION NOTE: Upon power on reset (or upon release of the RESET pin), the first breath will breathe from
100% (or 0% duty cycle as determined by the polarity registers) to the programmed minimum
(or maximum as determined by the polarity registers) and then proceed normally.
APPLICATION NOTE: If the min duty cycle and the max duty cycle are set to the same % then the minimum duty
cycle will automatically be changed to the next lower setting. For example, if the maximum
duty cycle were set at 1100b (35%) and the minimum duty cycle were set at 1101b (35%),
the device will automatically use the minimum value at 1100b (25%).
Bits 7 - 4 - X_MAX_DUTY[3:0] - Determines the maximum PWM duty cycle for the LED drivers as
shown in Table 5.51
Bits 3 - 0 - X_MIN_DUTY[3:0] - Determines the minimum PWM duty cycle for the LED drivers as
shown in Table 5.51.
Table 5.50 LED Duty Cycle Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
90h
R/W
LED Pulse 1
Duty Cycle
P1_MAX_DUTY[3:0]
P1_MIN_DUTY[3:0]
F0h
91h
R/W
LED Pulse 2
Duty Cycle
P2_MAX_DUTY[3:0]
P2_MIN_DUTY[3:0]
F0h
92h
R/W
LED Breathe
Duty Cycle
BR_MAX_DUTY[3:0]
BR_MIN_DUTY[3:0]
F0h
93h
R/W
Direct Duty
Cycle
DR_MAX_DUTY[3:0]
DR_MIN_DUTY[3:0]
F0h
Table 5.51 LED Duty Cycle Decode
X_MAX/MIN_DUTY [3:0]
MAXIMUM DUTY CYCLE
MINIMUM DUTY CYCLE
32
1
0
0
0
0
0
1%
0%
0
0
0
1
2%
1%
0
0
1
0
3%
2%
0
0
1
1
4%
3%
0
1
0
0
5%
4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com