Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 55 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 51Page - SMSC Corporation CAP1066 Datasheet HTML 52Page - SMSC Corporation CAP1066 Datasheet HTML 53Page - SMSC Corporation CAP1066 Datasheet HTML 54Page - SMSC Corporation CAP1066 Datasheet HTML 55Page - SMSC Corporation CAP1066 Datasheet HTML 56Page - SMSC Corporation CAP1066 Datasheet HTML 57Page - SMSC Corporation CAP1066 Datasheet HTML 58Page - SMSC Corporation CAP1066 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
55
Revision 1.1 (08-05-09)
DATASHEET
5.26
LED Output Control Register
The LED Output Control Register controls the output state of the LED pins.
All LEDs that are associated with a Capacitive Touch Sensor channel are automatically enabled and
will be actuated per the LED Behavior.
For those LEDs that are not linked with a Capacitive Touch Sensor channel, then the bit state
determines whether the LED is actuated or not actuated.
The LED Polarity Control register will determine the non actuated state of the LED pins.
Table 5.41 shows the interaction between the polarity controls, output controls and relative brightness.
Note 5.3
For example: when polarity is non-inverted, if min duty cycle is 0, then the LED would be
at logic 1 (off) 0% of the time. It will be at logic 0 (on), 100% of the time (100 - min duty
cycle).
Bit 5 - LED6_DR - Determines whether LED6 output is driven high or low.
‘0’ (default) - The LED6 output is driven at the minimum duty cycle or not actuated.
‘1’ - The LED6 output is driven at the maximum duty cycle or is actuated.
Bit 4 - LED5_DR - Determines whether LED5 output is driven high or low.
Bit 3 - LED4_DR - Determines whether LED4 output is driven high or low.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
Table 5.40 LED Output Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
74h
R/W
LED Output
Control
--
LED6_
DR
LED5_
DR
LED4_
DR
LED3_
DR
LED2_
DR
LED1_
DR
00h
Table 5.41 LED Polarity Behavior
LED
OUTPUT
CONTROL
REGISTER
POLARITY
MAX DUTY
MIN DUTY
LED
BEHAVIORS
BRIGHTNESS
LED
APPEARANCE
0
inverted
maximum % of
time that the LED
is on (logic 0)
minimum % of
time that the LED
is on (logic 0)
off
maximum brightness at
minimum duty cycle
on at minimum
duty cycle
1
inverted
maximum % of
time that the LED
is on (logic 0)
minimum % of
time that the LED
is on (logic 0)
on
maximum brightness at
max duty cycle. Brightness
ramps from min to max
according to
LED behavior
0
non-
inverted
maximum % of
time that the LED
is off (logic 1)
minimum % of
time that the LED
is off (logic 1)
off
maximum brightness at 100
- min duty cycle
on at 100 - min
duty cycle
(Note 5.3)
1
non-
inverted
maximum % of
time that the LED
is off (logic 1)
minimum % of
time that the LED
is off (logic 1)
on
maximum brightness at 100
- min duty cycle. Brightness
ramps from max to min
according to
LED behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com