Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 63 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 59Page - SMSC Corporation CAP1066 Datasheet HTML 60Page - SMSC Corporation CAP1066 Datasheet HTML 61Page - SMSC Corporation CAP1066 Datasheet HTML 62Page - SMSC Corporation CAP1066 Datasheet HTML 63Page - SMSC Corporation CAP1066 Datasheet HTML 64Page - SMSC Corporation CAP1066 Datasheet HTML 65Page - SMSC Corporation CAP1066 Datasheet HTML 66Page - SMSC Corporation CAP1066 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
63
Revision 1.1 (08-05-09)
DATASHEET
5.33
LED Direct Ramp Rates Register
The LED Direct Ramp Rates register control the rising and falling edge time of an LED that is
configured to operate in Direct mode. The rising edge time corresponds to the amount of time the LED
takes to transition from its minimum duty cycle to its maximum duty cycle. Conversely, the falling edge
time corresponds to the amount of time that the LED takes to transition from its maximum duty cycle
to its minimum duty cycle.
Bits 5 - 3 - RISE_RATE[2:0] - Determines the rising edge time of an LED when it transitions from its
minimum drive state to its maximum drive state as shown in Table 5.53.
Bits 2 - 0 - FALL_RATE[2:0] - Determines the falling edge time of an LED when it transitions from its
maximum drive state to its minimum drive state as shown in Table 5.53.
0
1
0
1
6%
5%
0
1
1
0
7%
6%
0
1
1
1
9%
7%
10
0
0
11%
9%
1
0
0
1
14%
11%
1
0
1
0
18%
14%
1
0
1
1
25%
18%
1
1
0
0
35%
25%
1
1
0
1
50%
35%
1
1
1
0
70%
50%
1
1
1
1
100%
70%
Table 5.52 LED Direct Ramp Rates Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
94h
R/W
LED Direct
Ramp Rates
-
-
RISE_RATE[2:0]
FALL_RATE[2:0]
00h
Table 5.53 Rise / Fall Rate and Off Delay Decode
RISE_RATE/ FALL_RATE / DIR_OFF_DLY [2:0]
RISE / FALL TIME (TRISE / TFALL), OFF DELAY
(TOFF)
21
0
00
0
0
0
0
1
250ms
0
1
0
500ms
Table 5.51 LED Duty Cycle Decode (continued)
X_MAX/MIN_DUTY [3:0]
MAXIMUM DUTY CYCLE
MINIMUM DUTY CYCLE
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com