Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 22 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 18Page - SMSC Corporation CAP1066 Datasheet HTML 19Page - SMSC Corporation CAP1066 Datasheet HTML 20Page - SMSC Corporation CAP1066 Datasheet HTML 21Page - SMSC Corporation CAP1066 Datasheet HTML 22Page - SMSC Corporation CAP1066 Datasheet HTML 23Page - SMSC Corporation CAP1066 Datasheet HTML 24Page - SMSC Corporation CAP1066 Datasheet HTML 25Page - SMSC Corporation CAP1066 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
22
SMSC CAP1066
DATASHEET
3.5.2
Set Address Pointer
The Set Address Pointer command sets the Address pointer for subsequent reads and writes of data.
The pointer is set on the rising edge of the final data bit. At the same time, the data that is to be read
is fetched and loaded into the internal output buffer but is not transmitted.
3.5.3
Write Data
The Write Data protocol updates the contents of the register referenced by the address pointer. As the
command is processed, the data to be read is fetched and loaded into the internal output buffer but
not transmitted. Then, the register is updated with the data to be written. Finally, the address pointer
is incremented.
Figure 3.2 SPI Reset Interface Command - Normal Mode
Figure 3.3 SPI Set Address Pointer Command - Normal Mode
Master SPDOUT
SPI_MOSI
SPI_CS#
SPI_CLK
Reset - 7Ah
Reset - 7Ah
Invalid register data
00h – Internal Data buffer empty
SPI_MISO
Master Drives
Slave Drives
‘0’
‘1’
‘1’
‘1’
‘1’
‘0’
‘1’
‘0’
‘0’
‘1’
‘1’
‘1’
‘1’
‘0’
‘1’
‘0’
Master SPDOUT
SPI_MOSI
Register Address
SPI_CS#
SPI_CLK
Set Address Pointer – 7Dh
Unknown, Invalid Data
Unknown, Invalid Data
SPI_MISO
Master Drives
Slave Drives
Address pointer set
‘0’
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com