Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 44 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 40Page - SMSC Corporation CAP1066 Datasheet HTML 41Page - SMSC Corporation CAP1066 Datasheet HTML 42Page - SMSC Corporation CAP1066 Datasheet HTML 43Page - SMSC Corporation CAP1066 Datasheet HTML 44Page - SMSC Corporation CAP1066 Datasheet HTML 45Page - SMSC Corporation CAP1066 Datasheet HTML 46Page - SMSC Corporation CAP1066 Datasheet HTML 47Page - SMSC Corporation CAP1066 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
44
SMSC CAP1066
DATASHEET
5.11
Calibration Activate Registers
The Calibration Activate register force the respective sensors to be re-calibrated. When a bit is set,
the corresponding Capacitive Touch Sensor will be re-calibrated and the bit will be automatically
cleared once the re-calibration routine has finished. During the re-calibration routine, the sensors will
not detect a press for up to 600ms and the Sensor Base Count register values will be invalid. During
this time, any press on the corresponding sensors will invalidate the re-calibration.
Bit 5 - CS6_CAL - When set, the CS6 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 4 - CS5_CAL - When set, the CS5 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 3 - CS4_CAL - When set, the CS4 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 2 - CS3_CAL - When set, the CS3 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 1 - CS2_CAL - When set, the CS2 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 0 - CS1_CAL - When set, the CS1 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
5.12
Interrupt Enable Register
The Interrupt Enable registers determine whether a sensor touch or release causes the interrupt pin
to be asserted.
Bit 5 - CS6_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS6
(associated with the CS6 status bit).
‘0’ - The interrupt pin will not be asserted if a touch is detected on CS6 (associated with the CS6
status bit).
‘1’ (default) - The interrupt pin will be asserted a touch is detected on CS6 (associated with the
CS6 status bit).
Bit 4 - CS5_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS5
(associated with the CS5 status bit).
Bit 3 - CS4_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS4
(associated with the CS4 status bit).
Table 5.18 Calibration Activate Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
26h
R/W
Calibration
Activate
-
-
CS6_CAL
CS5_CAL
CS4_CAL
CS3_CAL
CS2_CAL
CS1_CAL
FFh
Table 5.19 Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
Interrupt
Enable
--
CS6_
INT_EN
CS5_
INT_EN
CS4_
INT_EN
CS3_
INT_EN
CS2_
INT_EN
CS1_
INT_EN
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com