Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 35 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 31Page - SMSC Corporation CAP1066 Datasheet HTML 32Page - SMSC Corporation CAP1066 Datasheet HTML 33Page - SMSC Corporation CAP1066 Datasheet HTML 34Page - SMSC Corporation CAP1066 Datasheet HTML 35Page - SMSC Corporation CAP1066 Datasheet HTML 36Page - SMSC Corporation CAP1066 Datasheet HTML 37Page - SMSC Corporation CAP1066 Datasheet HTML 38Page - SMSC Corporation CAP1066 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
35
Revision 1.1 (08-05-09)
DATASHEET
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
5.1
Main Status Control Register
The Main Status and Control register controls the primary power state of the device.
Bit 5 - STBY - Enables Standby.
‘0’ (default) - Sensor scanning is active and LEDs are functional.
‘1’ - Capacitive Touch Sensor scanning is limited to the sensors set in the Standby Channel register
(see Section 5.18). The status registers will not be cleared until read. LEDs that are linked to
Capacitive Touch sensors will remain linked and active. Sensors that are no longer sampled will
flag a release and then remain in a non-touched state. LEDs that are manually controlled will be
unaffected.
Bit 4 - DSLEEP - Enables Deep Sleep by deactivating all functions. This bit will be cleared when the
WAKE pin is driven high or when SPI or SMBus are received targeting the CAP1066. If the CAP1066
is configured to communicate using the BC-Link protocol, then this bit is ignored.
‘0’ (default) - Sensor scanning is active and LEDs are functional.
‘1’ - All sensor scanning is disabled and all LEDs are disabled. The status registers are
automatically cleared and the INT bit is cleared.
Bit 0 - INT - Indicates that there is an interrupt. This bit is only set if the ALERT# pin has been asserted.
If a channel detects a touch and its associated interrupt enable bit is not set to a logic ‘1’ then no
action is taken.
This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT# pin will be deasserted
and all status registers will be cleared if the condition has been removed. If the WAKE/SPI_MOSI pin
is asserted as a result of a touch detected while in Standby, it will likewise be deasserted when this
bit is cleared.
Note that this pin is not driven when communicating via the 4-wire SPI protocol
‘0’ - No interrupt pending.
‘1’ - A touch has been detected on one or more channels and the interrupt has been asserted.
5.2
Status Registers
Table 5.2 Main Status Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R/W
Main Status
Control
-
-
STBY
DSLEEP
-
-
-
INT
00h
Table 5.3 Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h
R
Sensor Status
-
-
CS6
CS5
CS4
CS3
CS2
CS1
00h
04h
R
LED Status
-
-
LED6_
DN
LED5_
DN
LED4_
DN
LED3_
DN
LED2_
DN
LED1_
DN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com