Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 49 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 45Page - SMSC Corporation CAP1066 Datasheet HTML 46Page - SMSC Corporation CAP1066 Datasheet HTML 47Page - SMSC Corporation CAP1066 Datasheet HTML 48Page - SMSC Corporation CAP1066 Datasheet HTML 49Page - SMSC Corporation CAP1066 Datasheet HTML 50Page - SMSC Corporation CAP1066 Datasheet HTML 51Page - SMSC Corporation CAP1066 Datasheet HTML 52Page - SMSC Corporation CAP1066 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
49
Revision 1.1 (08-05-09)
DATASHEET
Bits 1-0 - CS5_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 5.
5.18
Standby Channel Register
The Standby Channel register controls which (if any) Capacitive Touch Sensors are active during
Standby.
Bit 5 - CS6_STBY - Controls whether the CS6 channel is active in Standby.
‘0’ (default) - The CS6 channel not be sampled during Standby mode.
‘1’ - The CS6 channel will be sampled during Standby Mode. It will use the Standby threshold
setting, and the standby averaging and sensitivity settings.
Bit 4 - CS5_STBY - Controls whether the CS5 channel is active in Standby.
Bit 3 - CS4_STBY - Controls whether the CS4 channel is active in Standby.
Bit 2 - CS3_STBY - Controls whether the CS3 channel is active in Standby.
Bit 1 - CS2_STBY - Controls whether the CS2 channel is active in Standby.
Bit 0 - CS1_STBY - Controls whether the CS1 channel is active in Standby.
5.19
Standby Configuration Register
The Standby Configuration register controls averaging and cycle time for those sensors that are active
in Standby.
Bit 7 - AVG_SUM - Determines whether the active sensors will average the programmed number of
samples or whether they will accumulate for the programmed number of samples.
‘0’ - (default) - The active sensor delta count values will be based on the average of the
programmed number of samples when compared against the threshold.
‘1’ - The active sensor delta count values will be based on the summation of the programmed
number of samples when compared against the threshold.
Bits 5 - 3 - STBY_AVG[2:0] - Determines the number of samples that are taken for all active channels
during the sensor cycle as shown in Table 5.31. All samples are taken consecutively on the same
channel before the next channel is sampled and the result is averaged over the number of samples
measured before updating the measured results.
Table 5.29 Standby Channel Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Standby
Channel
--
CS6_
STBY
CS5_
STBY
CS4_
STBY
CS3_
STBY
CS2_
STBY
CS1_
STBY
00h
Table 5.30 Standby Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
41h
R/W
Standby
Configuration
AVG_
SUM
-
STBY_AVG[2:0]
STBY_
SAMP_
TIME
STBY_CY_TIME
[1:0]
1Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com