Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 59 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 55Page - SMSC Corporation CAP1066 Datasheet HTML 56Page - SMSC Corporation CAP1066 Datasheet HTML 57Page - SMSC Corporation CAP1066 Datasheet HTML 58Page - SMSC Corporation CAP1066 Datasheet HTML 59Page - SMSC Corporation CAP1066 Datasheet HTML 60Page - SMSC Corporation CAP1066 Datasheet HTML 61Page - SMSC Corporation CAP1066 Datasheet HTML 62Page - SMSC Corporation CAP1066 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
59
Revision 1.1 (08-05-09)
DATASHEET
5.29
LED Pulse 2 Period Register
The LED Pulse 2 Period register determines the overall period of a pulse operation as determined by
the LED_CTL registers (see Table 5.43 - setting 10b). Each LSB represents 32ms so that a setting of
14h (20d) would represent a period of 640ms. The total range is from 32ms to 4.06 seconds (see
Table 5.45).
APPLICATION NOTE: Due to constraints on the LED Drive PWM operation, any Breathe Period less than 160ms
(05h) may not be achievable. The device will breathe at the minimum period possible as
determined by the period and min / max duty cycle settings.
The Pulse 2 Behavior is shown in Figure 5.3 for non-inverted polarity and in Figure 5.4 for inverted
polarity.
Table 5.45 LED Pulse / Breathe Period Example
SETTING
(HEX)
SETTING (DECIMAL)
TOTAL BREATHE / PULSE
PERIOD (MS)
00h
0
32
01h
1
32
02h
2
64
03h
3
96
04h
4
128
. . .
. . .
. . .
7Ch
124
3,968
7Dh
125
4,000
7Eh
126
4,032
7Fh
127
4.064
Table 5.46 LED Pulse 2 Period Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
85h
R/W
LED Pulse 2
Period
-
P2_
PER6
P2_
PER5
P2_
PER4
P2_
PER3
P2_
PER2
P2_
PER1
P2_
PER0
14h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com