Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 48 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 44Page - SMSC Corporation CAP1066 Datasheet HTML 45Page - SMSC Corporation CAP1066 Datasheet HTML 46Page - SMSC Corporation CAP1066 Datasheet HTML 47Page - SMSC Corporation CAP1066 Datasheet HTML 48Page - SMSC Corporation CAP1066 Datasheet HTML 49Page - SMSC Corporation CAP1066 Datasheet HTML 50Page - SMSC Corporation CAP1066 Datasheet HTML 51Page - SMSC Corporation CAP1066 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
48
SMSC CAP1066
DATASHEET
The Sensor Threshold registers store the delta threshold that is used to determine if a touch has been
detected. When a touch occurs, the input signal of the corresponding sensor changes due to the
capacitance associated with a touch. If the sensor input change exceeds the threshold settings, then
a touch is detected.
When the BUT_LD_TH bit is set (see Section 5.15 - bit 7), writing data to the Sensor 1 Threshold
register will update all of the sensor threshold registers (31h - 37h inclusive).
5.17
Sensor Noise Threshold Registers
The Sensor Noise Threshold registers control the value of a secondary internal threshold to detect
noise and improve the automatic recalibration routine. If a Capacitive Touch Sensor output exceeds
the Sensor Noise Threshold but does not exceed the sensor threshold, then it is determined to be
caused by a noise spike. That sample is not used by the automatic re-calibration routine.
The Sensor Noise Threshold is proportional to the programmed threshold as shown in Table 5.28.
5.17.1
Sensor Noise Threshold 1 Register
The Sensor Noise Threshold 1 register controls the noise threshold for Capacitive Touch Sensors 1-4.
Bits 7-6 - CS4_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 4.
Bits 5-4 - CS3_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 3.
Bits 3-2 - CS2_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 2.
Bits 1-0 - CS1_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 1.
5.17.2
Sensor Noise Threshold 2 Register
The Sensor Noise Threshold 2 register controls the noise threshold for Capacitive Touch Sensors 5 - 6.
Bits 3-2 - CS6_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 6.
Table 5.27 Sensor Noise Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
38h
R/W
Sensor Noise
Threshold 1
CS4_BN_TH
[1:0]
CS3_BN_TH
[1:0]
CS2_BN_TH
[1:0]
CS1_BN_TH
[1:0]
55h
39h
R/W
Sensor Noise
Threshold 2
010
1
CS6_BN_TH
[1:0]
CS5_BN_TH
[1:0]
55h
Table 5.28 CSx_BN_TH Bit Decode
CSX_BN_TH[1:0]
THRESHOLD DIVIDE SETTING
10
00
25%
0
1
37.5% (default)
10
50%
1
1
62.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com