Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 40 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 36Page - SMSC Corporation CAP1066 Datasheet HTML 37Page - SMSC Corporation CAP1066 Datasheet HTML 38Page - SMSC Corporation CAP1066 Datasheet HTML 39Page - SMSC Corporation CAP1066 Datasheet HTML 40Page - SMSC Corporation CAP1066 Datasheet HTML 41Page - SMSC Corporation CAP1066 Datasheet HTML 42Page - SMSC Corporation CAP1066 Datasheet HTML 43Page - SMSC Corporation CAP1066 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
40
SMSC CAP1066
DATASHEET
The Sensor Enable registers determine whether a Capacitive Touch Sensor input is included in the
sampling cycle. The length of the sampling cycle is not affected by the number of sensors measured.
Bit 5 - CS6_EN - Enables the CS6 input to be included during the sampling cycle.
‘0’ - The CS6 input is not included in the sampling cycle.
‘1’ (default) - The CS6 input is included in the sampling cycle.
Bit 4 - CS5_EN - Enables the CS5 input to be included during the sampling cycle.
Bit 3 - CS4_EN - Enables the CS4 input to be included during the sampling cycle.
Bit 2 - CS3_EN - Enables the CS3 input to be included during the sampling cycle.
Bit 1 - CS2_EN - Enables the CS2 input to be included during the sampling cycle.
Bit 0 - CS1_EN - Enables the CS1 input to be included during the sampling cycle.
5.8
Sensor Configuration Register
The Sensor Configuration Register controls timings associated with the Capacitive Sensor channels 1
- 6.
Bits 7 - 4 - MAX_DUR[3:0] - (default 1010b) - Determines the maximum time that a sensor is allowed
to be touched until the Capacitive Touch sensor is recalibrated as shown in Table 5.12.
Table 5.11 Sensor Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
22h
R/W
Sensor
Configuration
MAX_DUR[3:0]
RPT_RATE[3:0]
A4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com