Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 54 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 50Page - SMSC Corporation CAP1066 Datasheet HTML 51Page - SMSC Corporation CAP1066 Datasheet HTML 52Page - SMSC Corporation CAP1066 Datasheet HTML 53Page - SMSC Corporation CAP1066 Datasheet HTML 54Page - SMSC Corporation CAP1066 Datasheet HTML 55Page - SMSC Corporation CAP1066 Datasheet HTML 56Page - SMSC Corporation CAP1066 Datasheet HTML 57Page - SMSC Corporation CAP1066 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
54
SMSC CAP1066
DATASHEET
The LED Polarity registers control the logical polarity of the LED outputs.
APPLICATION NOTE: The polarity controls determine the final LED pin drive. A touch on a linked Capacitive Touch
Sensor is treated in the same way as the LED Output Control bit being set to a logic ‘1’.
APPLICATION NOTE: For LED operation, the duty cycle settings determine the % of time that the LED pin will be
driven to a logic ‘1’ state in a non-inverted system or to a logic ‘0’ state in an inverted system.
The duty cycle settings operate independently of the polarity controls. Therefore, the Max
Duty Cycle settings define the maximum % of time that the LED pin will be driven high in a
non-inverted system while the Min Duty Cycle settings determine the minimum % of time that
the LED pin will be driven high in a non-inverted system.
The LED drive assumes that the LEDs are configured such that if the LED pin is driven to
a logic ‘0’ then the LED will be on and that the CAP1066 LED pin is sinking the LED current.
Conversely, if the LED pin is driven to a logic ‘1’ then the LED will be off and there is no
current flow.
Finally, the breathe operations will always ramp the duty cycle from the minimum duty cycle
to the maximum duty cycle and then back down to the minimum duty cycle.
The LED Polarity controls lead to two conditions that have the apparent effect of changing
the duty cycle settings. If an LED output is non-inverted then the Maximum Duty Cycle
settings will define the maximum % of time that the LED is off. Conversely the Minimum
Duty Cycle settings will define the minimum % of time that the LED is off. As well, when
there is no touch detected or the LED Output Control register bit is at a logic ‘0’ then the
LED output will be driven at the minimum duty cycle setting. The relative brightness will then
ramp from maximum to minimum and back.
If an LED output is inverted, then the Maximum Duty Cycle settings will define the maximum
% of time that the LED is on and the Minimum Duty Cycle settings will determine the
minimum % of time that the LED is on. As well, when there is no touch detected, or the LED
Output Control register bit is at a logic ‘0’, then the LED output will be driven at the minimum
duty cycle setting. The relative brightness will then ramp from minimum to maximum and
back.
Bit 5 - LED6_POL - Determines the polarity of the LED6 output.
‘0’ (default) - The LED6 output is inverted. A setting of ‘1’ in the LED Output register will cause the
output to be driven to a logic ‘0’ as determined by the LED behavior. Similarly, the duty cycles
corresponding to Pulse and Breathe operations will indicate the amount of time that the LED is
driven to a logic ‘0’ state (corresponding to “active”).
‘1’ - The LED6 output is non-inverted. A setting of ‘1’ in the LED Output register will cause the
output to be driven to a logic ‘1’ or left in the high-z state as determined by its output type and LED
behavior. Similarly, the duty cycles corresponding to Pulse and Breathe operations will indicate to
the amount of time that the LED is driven to a logic ‘1’ state (corresponding to “inactive”).
Bit 4 - LED5_POL - Determines the polarity of the LED5 output.
Bit 3 - LED4_POL - Determines the polarity of the LED4 output.
Bit 2 - LED3_POL - Determines the polarity of the LED3 output.
Bit 1 - LED2_POL - Determines the polarity of the LED2 output.
Bit 0 - LED1_POL - Determines the polarity of the LED1 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com