Electronic Components Datasheet Search
  English  ▼

X  

CAP1066 Datasheet(PDF) 69 Page - SMSC Corporation

Part # CAP1066
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1066 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button CAP1066 Datasheet HTML 63Page - SMSC Corporation CAP1066 Datasheet HTML 64Page - SMSC Corporation CAP1066 Datasheet HTML 65Page - SMSC Corporation CAP1066 Datasheet HTML 66Page - SMSC Corporation CAP1066 Datasheet HTML 67Page - SMSC Corporation CAP1066 Datasheet HTML 68Page - SMSC Corporation CAP1066 Datasheet HTML 69Page - SMSC Corporation CAP1066 Datasheet HTML 70Page - SMSC Corporation CAP1066 Datasheet HTML 71Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
6 Channel Capacitive Touch Sensor with 6 LED Drivers
Datasheet
SMSC CAP1066
69
Revision 1.1 (08-05-09)
DATASHEET
Chapter 7 Revision History
Table 7.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.1 (08-05-09)
Features
“TBD” replaced with “3uA” under Low Power
Operation
General Description
Deep sleep drawing “5uA” of current changed to
“3uA”
Chapter 1, Pin Description
Application Note added: “The SPI_CS# pin should
be grounded when SMBus, I2C, or BC-Link
communications are used.”
Pin description table updated: Added to pin
function description for RESET pin: “This pin
contains an internal 50uA pull-down current.”
Table 2.2, "Electrical
Specifications"
Table updated:
- Current Measurement, ISTBY - changed the
typical column to 160, max to 210. Changed the
conditions to read: " Standby state active, one
sensor monitored, no LED active, default
conditions (8 avg, 70ms cycle time)"
- Current Measurement, IDSLEEP -changed the
TYP column value to 3 and max to 10.
- Base Capacitance Line - changed the name to
"Maximum Base Capacitance". Removed the value
in the MIN column and MAX column. Added 50 in
the TYP column.
Section 3.1.1, "SMBus (I2C)
Communications"
The following text deleted: “The SPI_CS# pin is not
used and any data presented to this pin will be
ignored.”
and replaced with an application note: “For
SMBus/I2C communications, the SPI_CS# pin is
not used and should be grounded; any data
presented to this pin will be ignored.”
Section 3.1.3, "BC-Link
Communications"
The following application note added: “For BC-Link
communications, the SPI_CS# pin is not used and
should be grounded; any data presented to this pin
will be ignored.”
Table 3.1, "ADDR_COMM
Pin Decode"
Modified table heading, “Pull-Down Resistor” by
adding “(+/- 5%)”
Section 5.28, "LED Pulse 1
Period Register",
Section Table 5.45, "LED
Pulse / Breathe Period
Example" and
Section 5.30, "LED Breathe
Period Register"
Table 5.51, "LED Duty Cycle
Decode"
Added note describing limitation on operation
Updated table for Min and Max columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com