Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 154 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 150Page - ATMEL Corporation ATtiny261 Datasheet HTML 151Page - ATMEL Corporation ATtiny261 Datasheet HTML 152Page - ATMEL Corporation ATtiny261 Datasheet HTML 153Page - ATMEL Corporation ATtiny261 Datasheet HTML 154Page - ATMEL Corporation ATtiny261 Datasheet HTML 155Page - ATMEL Corporation ATtiny261 Datasheet HTML 156Page - ATMEL Corporation ATtiny261 Datasheet HTML 157Page - ATMEL Corporation ATtiny261 Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 227 page
background image
154
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 19-12. Differential Non-linearity (DNL)
• Quantization Error: Due to the quantization of the input voltage into a finite number of codes, a
range of input voltages (1 LSB wide) will code to the same value. Always ± 0.5 LSB.
• Absolute Accuracy: The maximum deviation of an actual (unadjusted) transition compared to
an ideal transition for any code. This is the compound effect of offset, gain error, differential
error, non-linearity, and quantization error. Ideal value: ± 0.5 LSB.
19.8
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in the ADC
Result Registers (ADCL, ADCH). The form of the conversion result depends on the type of the
conversion as there are three types of conversions: single ended conversion, unipolar differen-
tial conversion and bipolar differential conversion.
19.8.1
Single Ended Conversion
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage reference (see
Table 19-4 on page 157 and Table 19-5 on page 158). 0x000 represents analog ground, and
0x3FF represents the selected voltage reference minus one LSB. The result is presented in
one-sided form, from 0x3FF to 0x000.
19.8.2
Unipolar Differential Conversion
If differential channels and an unipolar input mode are used, the result is
where VPOS is the voltage on the positive input pin, VNEG the voltage on the negative input pin,
and VREF the selected voltage reference (see Table 19-4 on page 157 and Table 19-5 on page
158). The voltage on the positive pin must always be larger than the voltage on the negative pin
or otherwise the voltage difference is saturated to zero. The result is presented in one-sided
form, from 0x000 (0d) to 0x3FF (+1023d). The GAIN is either 1x, 8x, 20x or 32x.
Output Code
0x3FF
0x000
0
VREF Input Voltage
DNL
1 LSB
ADC
VIN 1024
⋅
VREF
-----------------------------
=
ADC
VPOS VNEG
–
() 1024
⋅
VREF
-----------------------------------------------------------
GAIN
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com