Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 151Page - ATMEL Corporation ATtiny261 Datasheet HTML 152Page - ATMEL Corporation ATtiny261 Datasheet HTML 153Page - ATMEL Corporation ATtiny261 Datasheet HTML 154Page - ATMEL Corporation ATtiny261 Datasheet HTML 155Page - ATMEL Corporation ATtiny261 Datasheet HTML 156Page - ATMEL Corporation ATtiny261 Datasheet HTML 157Page - ATMEL Corporation ATtiny261 Datasheet HTML 158Page - ATMEL Corporation ATtiny261 Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 227 page
background image
155
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
19.8.3
Bipolar Differential Conversion
As default the ADC converter operates in the unipolar input mode, but the bipolar input mode
can be selected by writing the BIN bit in the ADCSRB to one. In the bipolar input mode two-sided
voltage differences are allowed and thus the voltage on the negative input pin can also be larger
than the voltage on the positive input pin. If differential channels and a bipolar input mode are
used, the result is
where VPOS is the voltage on the positive input pin, VNEG the voltage on the negative input pin,
and VREF the selected voltage reference. The result is presented in two’s complement form, from
0x200 (-512d) through 0x000 (+0d) to 0x1FF (+511d). The GAIN is either 1x, 8x, 20x or 32x.
However, if the signal is not bipolar by nature (9 bits + sign as the 10th bit), this scheme loses
one bit of the converter dynamic range. Then, if the user wants to perform the conversion with
the maximum dynamic range, the user can perform a quick polarity check of the result and use
the unipolar differential conversion with selectable differential input pair. When the polarity check
is performed, it is sufficient to read the MSB of the result (ADC9 in ADCH). If the bit is one, the
result is negative, and if this bit is zero, the result is positive.
19.9
Temperature Measurement
The temperature measurement is based on an on-chip temperature sensor that is coupled to a
single ended ADC input. MUX[4..0] bits in ADMUX register enables the temperature sensor. The
internal 1.1V voltage reference must also be selected for the ADC voltage reference source in
the temperature sensor measurement. When the temperature sensor is enabled, the ADC con-
verter can be used in single conversion mode to measure the voltage over the temperature
sensor.
The measured voltage has a linear relationship to the temperature as described in Table 19-2.
The voltage sensitivity is approximately 1LSB/°C and the accuracy of the temperature measure-
ment is ±10°C using manufacturing calibration values (TS_GAIN, TS_OFFSET).
The values described in Table 19-2 are typical values. However, due to the process variation the
temperature sensor output varies from one chip to another.
ADC
VPOS VNEG
–
() 512
⋅
VREF
-------------------------------------------------------
GAIN
⋅
=
Table 19-2.
Temperature vs. Sensor Output Voltage (Typical Case): Example ADC Values
Temperature / °C
-40°C
+25 °C
+125 °C
0x00F6
0x0144
0c01B8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com