Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33937
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 13. Typical Voltage and Load Margin For Increasing Junction Temperature at 24 V on HS_S
Figure 14. Typical Voltage and Load Margin For Increasing Junction Temperature at 36 V on HS_S
Trickle Charge Pump Load Margin and Supply Voltage at HS_S=Vsup=24V
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
20
40
60
80
100
120
140
160
180
Tj (C)
3
4
5
6
7
8
9
10
11
12
13
I
dV
Trickle Charge Pump Load Margin and Supply Voltage at HS_S=Vsup=36V
0
1
2
3
4
5
6
7
8
9
20
40
60
80
100
120
140
160
180
Tj (C)
3
4
5
6
7
8
9
10
11
12
I
dV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com