Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
33937
TYPICAL APPLICATIONS
PROTECTION AND DIAGNOSIS FEATURES
TYPICAL APPLICATIONS
Figure 22. Typical Application Diagram Using Charge Pump (+12 V Battery System)
VSUP
VPWR
PUMP
VPUMP
PGND
Main
Charge
Pump
Oscillator
UV
Detect
5V
Reg.
VDD
Control
Logic
T-Lim
RST
EN1
EN2
INT
Px_HS
Px_LS
3
3
CS
SI
SCLK
SO
PHASE_x
3
OC_OUT
OC_TH
AMP_OUT
AMP_N
AMP_P
VLS_CAP
Px_LS_S
Px_LS_G
Px_HS_G
Px_HS_S
Px_BOOT
VDD
VLS
Trickle
Charge
Pump
Hold
-Off
Circuit
High
-Side
Driver
Low
-Side
Driver
VLS
Reg.
I-sense
Amp.
Over-Cur.
Comp.
Phase
Comp.
Desat.
Comp.
To Motor
3 x
+
-
+
-
VSYS
+
-
VSUP
VSUP
1.4V
GND
To Other
Two Phases
+12V Nom.
Phase x
Output
To ADC
Rg_HS
Rg_LS
(Optional)
(Optional)
Cx_Boot
RSense
Phase
Return
VPWR
PUMP
D1
D2
C1
C2
C6
C3
C5
C4
R1
R2
R3
Rfb
QHS
QLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com