Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33937
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ESD Voltage(6)
Human Body Model - HBM (All pins except for the pins listed below)
Pins: PA_Boot, PA_HS_S, PA_HS_G, PB_Boot, PB_HS_S, PB_HS_G,
PC_Boot, PC_HS_S, PC_HS_G, VPWR
Charge Device Model - CDM
Corner pins
All other pins
VESD
±2000
±1000
±750
±300
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-40 to +150
°C
Thermal Resistance(7)
Junction-to-Case
RθJC
3.0
°C/W
Soldering Temperature(8)
TSOLDER
Note 9
°C
Notes
6.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
7.
Case is considered EP - pin 55 under the body of the device. The actual power dissipation of the device is dependent on the operating
mode, the heat transfer characteristics of the board and layout and the operating voltage. See Figure 24 and Figure 25 for examples of
power dissipation profiles of two common configurations. Operation above the maximum operating junction temperature will result in a
reduction in reliability leading to malfunction or permanent damage to the device.
8.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
9.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 3. Maximum Ratings (continued)
All voltages are with respect to VSS unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com