Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33937
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
STATUS REGISTERS
After any SPI command, the status of the IC is reported in
the return value from the SPI port. There are four variants of
the NULL command used to read various status in the IC.
Other commands return a general status word in the Status
Register 0.
There are four Status Registers in the IC. Status
Register 0 is most commonly used for general status.
Registers one through three are used to read or confirm
internal IC settings.
Status Register 0 (Status Latch Bits)
This register is read by sending the NULL0 command (000x xx00). It is also returned after any other command. This command
returns the following data:
Table 15. Status Register 0
SPI Data Bits
765
432
10
Results
Register 0
Read
RESET
Event
Write
Error
Framing
Error
Phase
Error
Over-current
Low
VLS
DESAT
Detected on
any Channel
TLIM
Detected on
any Channel
Reset
100
000
00
All status bits are latched. The latches are cleared only by sending a CLINT0 or CLINT1 command with the appropriate bits
set. If the status is still present, that bit will not clear. CLINT0 and CLINT1 have the same format as MASK0 and MASK1
respectively.
• Bit 0–is a flag for Over-temperature on any channel. This bit is the OR of the latched three internal TLIM detectors.This
flag can generate an interrupt if the appropriate mask bit is set.
• Bit 1–is a flag for Desaturation Detection on any channel. This bit is the OR of the latched three internal High Side
desaturation detectors and phase error logic. Faults are also detected on the Low Side as phase errors. A phase error is
generated if the output signal (at Px_HS_S) does not properly reflect the drive conditions. The phase error is the triple OR
of phase errors from each phase. Each phase error is the OR of the HS and LS phase errors. An HS phase error (which
will also trigger the desaturation detector) occurs when the HS FET is commanded on, and the Px_HS_S is still low in the
deadtime duration after it is driven ON. Similarly, a LS phase error occurs when the LS FET is commanded on, and the
Px_HS_S is still high in the deadtime duration after the FET is driven ON. This flag can generate an interrupt if the
appropriate mask bit is set.
• Bit 2– is a flag for Low Supply Voltage. This bit is latched, thus a prior low voltage event is returned once before being
cleared on read. This flag can generate an interrupt if the appropriate mask bit is set.
• Bit 3–is a flag for the output of the Over-current Comparator. This flag can generate an interrupt if the appropriate mask
bit is set.
• Bit 4–is a flag for a Phase Error. If any Phase comparator output is not at the expected value when just one of the
individual high or Low Side outputs is enabled, the fault flag is set. This signal is the XOR of the phase comparator output
with the output driver state, and blanked for the duration of the desaturation blanking interval. This flag can generate an
interrupt if the appropriate mask bit is set.
• Bit 5–is a flag for a Framing Error. A framing error is an SPI message not containing a multiple of eight bits (a 0-length
message is also a framing error on 33937A). SCLK toggling while measuring the Deadtime calibration pulse is also a
framing error. This would typically be a transient or permanent hardware error, perhaps due to noise on the SPI lines. This
flag can generate an interrupt if the appropriate mask bit is set.
• Bit 6–indicates a Write Error After the Lock bit is set. A write error is any attempted write to the MASKn, Mode, or a
Deadtime command after the Mode Lock bit is set. A write error is any attempt to write any other command than the one
defined in the Table 8. This would typically be a software error. This flag can generate an interrupt if the appropriate mask
bit is set.
• Bit 7–is set upon exiting RST. It can be used to test the interrupt mechanism or to flag for a condition where the IC gets
reset without the host being otherwise aware. This flag can generate an interrupt if the appropriate mask bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com