Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33937
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
RESET AND ENABLE
The 33937 has three power modes of operation described
in Table 6. There are three global control inputs (RST, EN1,
EN2), which together with the status of the VDD and VLS,
control the behavior of the IC.
The operating status of the IC can be described by the
following three modes:
Sleep Mode
- When RST is low, the IC is in Sleep mode.
The current consumption of the IC is at minimum.
• Standby Mode - The RST input is high while one of the
Enable inputs is low. The IC is fully biased up and
operating, all the external FETs are actively turned off
by both High Side and Low Side gate drives. The IC is
ready to enter the Enable mode.
• Enable Mode - In order to enter the Enable mode
(normal mode of operation), and to operate the outputs,
the RST input must be high, and both Enable inputs
EN1 and EN2 must also be high.
• After entry to Enable Mode, the IC requires a pulse on
Px_LS in order to charge the bootstrap capacitor before
allowing the Px_HS to turn on. This pulse should be
long enough to guarantee the bootstrap capacitor is
charged (typically less than 50 µs), but the IC does not
enforce this condition. If there is an alternate means of
pre-charging the bootstrap capacitor, i.e. an external
resistor from Px_HS_S to GND, then a very brief pulse
of 100 ns is sufficient to reset the logic.
Table 6. Functions of RST, EN1 and EN2 Pins
RST
EN1, EN2
Mode of Operation (Driver Condition)
0
xx
Sleep Mode - in this mode (low quiescent current) the driver output stage is switched-off with a weak pull-down. All error
and SPI registers are cleared. The internal 5.0 V regulator is turned off and VDD is pulled low. All logic outputs except
SO are clamped to VSS.
1
0x
x0
Standby Mode - IC fully biased up and all functions are operating, the output drivers actively turn off all of the external
FETs (after initialization). The SPI port is functional. Logic level outputs are driven with low impedance. SO is high
impedance unless CS is low. VDD, Charge Pump and VLS regulators are all operating. The IC is ready to move to Enable
Mode.
1
11
Enable Mode - (normal operation). Drivers are enabled; output stages follow the input command. After Enable, outputs
require a pulse on Px_LS before corresponding HS outputs will turn on in order to charge the bootstrap capacitor. All
error pin and register bits are active if detected.
Table 7. Functional Ratings
(TJ = -40°C to 150°C and supply voltage range VSUP = VPWR = 5.0 to 45 V, C = 0.47 µF)
Characteristic
Value
Default State of input pin Px_LS, EN1, EN2, RST, SI, SCLK, if left open (55)
(Driver output is switched off, high-impedance mode)
Low (<1.0 V)
Default State of input pin Px_HS, CS if left open (55)
(Driver output is switched off, high-impedance mode)
High (>2.0 V)
Notes
55.
To assure a defined status for all inputs, these pins are internally biased by pull-up/down current sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com