Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33937
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
interrupt - the INT pin will be asserted High. The INT will be
held in the High state until the fault is removed, and the
appropriate bit in the Status Register 0 is cleared by the
CLINT0 command. This fault reporting technique is
described in detail in the Logic Commands and Registers
section.
Desaturation Detector
The Desaturation Detector is a comparator integrated into
the output driver of each phase channel. It provides an
additional means to protect against “Short-to-Ground” fault
condition when the output node gets shorted to the supply
voltage (short across the High Side FET).
Figure 18. Short to Ground Detection
When switching from Low Side to High Side, the High Side
will be commanded ON after the end of the deadtime. The
deadtime period starts when the Low Side is commanded
OFF. If the voltage at Px_HS_S is less than 1.4V below VSUP
after the blanking time (tBLANK) a desaturation fault is
initiated. An additional 1.0
μs digital filter is applied from the
initiation of the desaturation fault before it is registered, and
all phase drivers are turned OFF (Px_HS_G clamped to
Px_HS_S and Px_LS_G clamped to Px_LS_S). If the
desaturation fault condition clears before the filter time
expires, the fault is ignored and the filter timer resets.
Valid faults are registered in the fault status register, which
can be retrieved by way of the SPI. Additional SPI commands
will mask the INT flag and disable output stage shutdown,
due to desaturation and phase errors. See the Logic
Commands and Registers section for details on masking INT
behavior and disabling the protective function.
Figure 19. Short to Supply Detection
Phase Comparator
Faults could also be detected as Phase Errors. A phase
error is generated if the output signal (at Px_HS_S) does not
properly reflect the drive conditions.
A phase error is detected by a Phase Comparator. The
Phase Comparator compares the voltage at the Px_HS_S
node with a reference of one half the voltage at the VSUP pin.
A High Side phase error (which will also trigger the
Desaturation Detector) occurs when the High Side FET is
commanded on, and Px_HS_S is still low at the end of the
deadtime and blanking time duration. Similarly, a LS phase
error occurs when the Low Side FET is commanded on, and
the Px_HS_S is still high at the end of the deadtime and
blanking time duration.
The Phase Error Flag is the triple OR of phase errors from
each phase. Each phase error is the OR of the High Side and
Low Side phase errors. This flag can generate an interrupt if
VSUP
Phase x
Output
RSense
Phase
Return
T-Lim
VLS_CAP
Px_LS_S
Px_LS_G
Px_HS_G
Px_HS_S
Px_BOOT
Phase
Comp.
Desat.
Comp.
3x
+
-
VSUP
VSUP
1.4V
Low
-Side
Driver
High
-Side
Driver
HS
Control
R
R
VLS
To Current
Sense Amplif.
Phase x Output
Shorted to Ground
(Low-Side
FET Shorted)
LS
Control
Px_LS_G
Px_HS_G
Deadtime
-VD
VSUP
Phase x Output
Voltage Shorted to Ground
Correct Phase x Output Voltage
0.5VSUP
PHASEx
Correct
Fault
Phase Error
tBLANK
tFILT
Desaturation Error
VSUP
Phase x
Output
RSense
Phase
Return
T-Lim
VLS_CAP
Px_LS_S
Px_LS_G
Px_HS_G
Px_HS_S
Px_BOOT
Phase
Comp.
Desat.
Comp.
3x
+
-
VSUP
VSUP
1.4V
Low
-Side
Driver
High
-Side
Driver
HS
Control
R
R
VLS
To Current
Sense Amplif.
Phase x Output
Shorted to VSUP
(High-Side
FET Shorted)
LS
Control
Px_LS_G
Px_HS_G
Deadtime
-VD
VSUP
Phase x Output Voltage Shorted to VSUP
Correct Phase x Output Voltage
0.5VSUP
PHASEx
Correct
Fault
Phase Error
tBLANK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com