Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33937
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS
VPWR Supply Voltage Startup Threshold(10)
VPWR_ST
–
6.0
8.0
V
VSUP Supply Current, VPWR = VSUP = 40 V
RST and ENABLE = 5.0 V
No output loads on Gate Drive Pins, No PWM
No output loads on Gate Drive Pins, 20 kHz, 50% Duty Cycle
ISUP
–
–
1.0
–
–
10
mA
VPWR Supply Current, VPWR = VSUP = 40 V
RST and ENABLE = 5.0 V
No output loads on Gate Drive Pins, No PWM, Outputs initialized
Output Loads = 620 nC per FET, 20 kHz PWM(11)
IPWR_ON
–
–
11
–
20
95
mA
Sleep State Supply Current, RST = 0 V
VSUP = 40 V
VPWR = 40 V
ISUP
IPWR
–
–
14
56
30
100
µA
Sleep State Output Gate Voltage
IG < 100 µA
VGATESS
–
–
1.3
V
Trickle Charge Pump (Bootstrap Voltage)
VSUP = 14 V
VBoot
22
28
32
V
Bootstrap Diode Forward Voltage at 10 mA
VF
–
–
1.2
V
VDD INTERNAL REGULATOR
VDD Output Voltage, VPWR = 8 to 40 V, C = 0.47 µF(12)
External Load IDD_EXT = 0 to 1.0 mA
VDD
4.5
–
5.5
V
Internal VDD Supply Current, VDD = 5.5 V, No External Load
IDD
–
–
12
mA
VLS REGULATOR
Peak Output Current, VPWR = 16 V, VLS = 10 V
IPEAK
350
600
800
mA
Linear Regulator Output Voltage, IVLS = 0 to 60 mA(13)
VLS
13.5
15
17
V
VLS Disable Threshold(14)
VTHVLS
7.5
8.0
8.5
V
Notes
10.
Operation with the Charge Pump is recommended when minimum system voltage could be less than 14 V. VPWR must exceed this
threshold in order for the Charge Pump and VDD regulator to startup and drive VPWR to > 8.0 V. Once VPWR exceeds 8.0 V, the circuits
will continue to operate even if system voltage drops below 6.0 V.
11.
This parameter is guaranteed by design. It is not production tested.
12.
Minimum external capacitor for stable VDD operation is 0.47 µF.
13.
Recommended external capacitor for the VLS regulator is 2.2 µF low ESR at each pin VLS and VLS_CAP.
14.
When VLS is less than this value, the outputs are disabled and HOLDOFF circuits are active. Recovery is automatic when VLS rises
above this threshold again. A filter delay of approximately 700 ns on the comparator output eliminates responses to spurious transients
on VLS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com