Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33937
TYPICAL APPLICATIONS
PROTECTION AND DIAGNOSIS FEATURES
Figure 24. Power Dissipation Profile of Application Using Charge Pump
Reference application with:
• Pump capacitor: 1.0
μF MLC
• Pump filter capacitor: 47
μF low ESR aluminum electrolytic
• Pump diodes: MUR120
• Output FET gate charge: 240 nC @ 10 V
• PWM Frequency: 20 kHz
• Switching Single Phase
Below approximately 17 V the charge pump is actively regulating VPWR. The increased power dissipation is due to the charge
pump losses. Above this voltage the charge pump oscillator shuts down and VSYS is passed through the pump diodes directly to
VPWR.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
5
1015
20
2530
3540
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com