Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33937
PIN CONNECTIONS
45
PA_LS_G
Power Output Phase A Low Side Gate
Drive
Gate Drive for output Phase A Low Side
46
PA_HS_S
Power Input
Phase A High Side
Source
Source connection for Phase A High Side FET
47
PA_HS_G
Power Output
Phase A High Side
Gate Drive
Gate Drive for output Phase A High Side
48
PA_BOOT
Analog Input
Phase A Bootstrap
Bootstrap capacitor for Phase A
51
VLS
Analog Output
VLS Regulator
VLS regulator output. Power supply for the gate drives
54
VPWR
Power Input
Voltage Power
Power supply input for gate drives
EP
Ground
Exposed Pad
Device will perform as specified with the Exposed Pad un-terminated
(floating) however, it is recommended that the Exposed Pad be terminated
to pin 29 (VSS) and system ground
Table 2. 33937 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 23.
Pin
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com