Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33937 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33937
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33937 Simplified Internal Block Diagram
VPUMP
PUMP
VSUP
VPWR
VLS
VDD
PX_HS
PX_LS
PHASEX
CS
SI
SCLK
SO
RST
INT
AMP_P
AMP_N
AMP_OUT
PX_LS_S
MAIN
CHARGE
PUMP
PGND
EN1
EN2
OC_OUT
GND(2)
PX_BOOT
PX_HS_G
PX_HS_S
PX_LS_G
OC_TH
VLS_CAP
TRICKLE
CHARGE
PUMP
HOLD
-OFF
CIRCUIT
OSCILLATOR
CONTROL
LOGIC
5.0 V
REG.
VDD
VLS
REG.
UV
DETECT
T-LIM
+
-
+
-
+
-
1.4 V
+
-
VSUP
VSUP
+
-
OVER-CUR.
COMP.
I-SENSE
AMP.
HIGH
SIDE
DRIVER
LOW
SIDE
DRIVER
3
3
3
3X
DESAT.
COMP
PHASE
COMP.
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com