Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33937
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DEADTIME COMMAND
Deadtime prevents the turn-on of both transistors in the
same phase until the deadtime has expired. The deadtime
timer starts when a FET is commanded off (see Figure 6 and
Figure 16). The deadtime control is disabled by enabling the
FULLON mode.
The deadtime is set by sending the DEADTIME command
(100x xxx1), and then sending a calibration pulse of CS. This
pulse must be 16 times longer than the required deadtime
(see Figure 21). Deadtime is measured in cycle times of the
internal time base, fTB. This measurement is divided by 16
and stored in an internal register to provide the reference for
timing the deadtime between high and low gate transactions
in the same phase.
For example: the internal time base is running at 20 MHz
and a 1.5 µs deadtime is required. First a DEADTIME
command is sent (using the SPI), then a CS is sent. The CS
pulse is 16*1.5 = 24 µs wide. The IC measures this pulse as
24000 ns/50 ns = 480 clock cycles and stores 480/16 = 30 in
the deadtime register. Until the next deadtime calibration is
performed, 30 clock cycles will separate the turn off and turn
on gate signals in the same phase. The worst case error
immediately after calibration will be +0/-1 time base cycle, for
this example +0 ns/-50 ns. Note that if the internal time base
drifts, the effect on dead time will scale directly.
Sending a ZERO DEADTIME command (100x xxx0) sets
the deadtime timer to 0. However, simultaneous turn-on of
High Side and Low Side FETs in the same phase is still
prevented unless the FULLON command has been
transmitted. There is no calibration pulse expected after
receiving the ZERO DEADTIME command.
After RESET, deadtime is set to the maximum value of 255
time base cycles (typically 15 µs).
The IC ignores any SPI data that is sent during the
calibration pulse. If there are any transitions on SI or SCLK
while the Deadtime CS pulse is low, a Framing Error will be
generated, however, the CS pulse will be used to calibrate
the deadtime
Figure 21. Deadtime Calibration
Table 14. .DEADTIME Command
SPI Data Bits
765
432
10
Write
100
x
x
x
x
ZERO/
CALIBRATE
Reset
xxx
x
CS
SCLK
SI
SO
DEADTIME
Command
Deadtime Calibration Pulse
Deadtime Calibration Pulse
Deadtime
Command
CS
SCLK
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com