Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33937
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
COMMAND DESCRIPTIONS
The IC contains internal registers to control the various
operating parameters, modes, and interrupt characteristics.
These commands are sent and status is read via 8-bit SPI
commands. The IC will use the last eight bits in an SPI
transfer, so devices can be daisy-chained. The first three bits
in an SPI word can be considered to be the Command with
the trailing five bits being the data.
The SPI logic will generate a framing error and ignore the
SPI message if the number of received bits is not eight or if it
is not a multiple of eight.
After RST, the first SPI result returned is Status Register 0.
FAULT REPORTING AND INTERRUPT
GENERATION
Different fault conditions described in the previous
chapters can generate an interrupt - INT pin output signal
asserted high. When an interrupt occurs, the source can be
read from Status Register 0, which is also the return word of
most SPI messages.
Faults are latched on occurrence, and the interrupt and
faults are only cleared by sending the corresponding CLINTx
command. A fault that still exists will continue to assert an
interrupt.
Note: If there are multiple pending interrupts, the INT line
will not toggle when one of the faults is cleared. Interrupt
processing circuitry on the host must be level sensitive to
correctly detect multiple simultaneous interrupt.
Thus, when an interrupt occurs, the host can query the IC
by sending a NULL command; the return word contains flags
indicating any faults not cleared since the CLINTx command
was last written (rising edge of CS) and the beginning of the
current SPI command (falling edge of CS). The NULL
command causes no changes to the state of any of the fault
or mask bits.
The logic clearing the fault latches occurs only when:
1. A valid command had been received(i.e. no framing
error);
2. A state change did not occur during the SPI message
(if the bit is being returned as a 0 and a fault change
occurs during the middle of the SPI message, the latch
will remain set). The latch is cleared on the trailing
(rising) edge of the CS pulse. Note, to prevent missing
any faults the CLINTx command should not generally
clear any faults without being observed; i.e. it should
only clear faults returned in the prior NULL response.
Table 8. Command List
Command
Name
Description
000x xxxx
NULL
These commands are used to read IC status. These commands do not change any internal IC status. Returns
Status Register 0-3, depending on sub command.
0010 xxxx
MASK0
Sets a portion of the interrupt mask using lower four bits of command. A “1” bit enables interrupt generation
for that flag. INT remains asserted if uncleared faults are still present. Returns Status Register 0.
0011 xxxx
MASK1
Sets a portion of the interrupt mask using lower four bits of command. A “1” bit enables interrupt generation
for that flag. INT remains asserted if uncleared faults are still present. Returns Status Register 0.
010x xxxx
MODE
Enables Desat/Phase Error Mode. Enables FULLON Mode. Locks further Mode changes. Returns Status
Register 0.
0110 xxxx
CLINT0
Clears a portion of the fault latch corresponding to MASK0 using lower four bits of command. A 1 bit clears
the interrupt latch for that flag. INT remains asserted if other unmasked faults are still present. Returns Status
Register 0.
0111 xxxx
CLINT1
Clears a portion of the fault latch corresponding to MASK1 using lower four bits of command. A 1 bit clears
the interrupt latch for that flag. INT remains asserted if other unmasked faults are still present. Returns Status
Register 0.
100x xxxx
DEADTIME
Set deadtime with calibration technique. Returns Status Register 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com