Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33937
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE AMPLIFIER (CONTINUED)
Input Offset Current
IOS = IAMP_P - IAMP_N
IOS
-80
–
+80
nA
Input Offset Current Drift (28)
δIOS/δT
–
40
–
pA/°C
Output Voltage
High Level with RLOAD = 10 kΩ to VSS
Low Level with RLOAD = 10 kΩ to VDD
VOH
VOL
VDD-0.2
–
–
–
VDD
0.2
V
Differential Input Resistance
RI
1.0
–
–
M
Ω
Output Short-circuit Current
ISC
5.0
–
–
mA
Common Mode Input Capacitance at 10 kHz (28), (29)
CI
–
–
10
pF
Common Mode Rejection Ratio at DC
CMRR = 20*Log ((VOUT_diff/VIN_diff) * (VIN_CM/VOUT_CM))
CMRR
60
80
–
dB
Large Signal Open Loop Voltage Gain (DC) (28), (29)
AOL
–78
–
dB
Nonlinearity (28), (29)
RL = 1.0 k
Ω, CL = 500 pF, 0.3 < VO < 4.8 V, Gain = 5.0 to 15
NL
-1.0
–
+1.0
%
Notes
28.
This parameter is a design characteristic, not production tested.
29.
Without considering any offsets such as input offset voltage, internal mismatch and assuming no tolerance error in external resistors.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com