Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 116 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 116 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 167 page
background image
ST7715
V1.5
116
2009-12-04
10.1.31 RDID2 (DBh): Read ID2 Value
DBH
RDID2 (Read ID2 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDID2
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
1
ID26
ID25
ID24
ID23
ID22
ID21
ID20
Description
-This read byte returns 8-bit LCD module/driver version ID
-The 1st parameter is dummy data
-The 2nd parameter (ID26 to ID20): LCD module/driver version ID
-Parameter Range: ID=80h to FFh
ID26 to ID20
Version
Changes
80h
81h
82h
83h
NOTE: See command RDDID (04h), 3rd parameter.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
NV value
S/W Reset
NV value
H/W Reset
NV value
Flow Chart
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter
Read ID2
Read ID2
Send 2nd
parameter
Dummy
Read
Send 2nd
parameter
Serial I/F Mode
Parallel I/F Mode
Host
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com