Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 119 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 119 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 167 page
background image
ST7715
V1.5
119
2009-12-04
Table 10.2.2 Panel Function Command List (2)
Instruction
Refer
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
0
↑
1
-
1
1
0
0
0
0
0
0
(C0h)
Power control setting
1
↑
1
-
0
0
0
VRH4 VRH3 VRH2 VRH1 VRH0
PWCTR1
10.2.6
1
↑
1
-
0
1
IB-
SEL1
IB-
SEL0
0
0
0
0
VRH: Set the GVDD
voltage
VC: Set the VCI1
voltage
0
↑
1
-
1
1
0
0
0
0
0
1
(C1h)
Power control setting
PWCTR2
10.2.7
1
↑
1
-
0
0
0
0
0
BT2
BT1
BT0
BT: set VGH/ VGL
voltage
0
↑
1
-
1
1
0
0
0
0
1
0
(C2h)
In normal mode (Full
colors)
-
0
0
0
0
0
APA2 APA1 APA0
1
↑
1
-
0
0
0
0
0
0
0
0
-
0
0
0
0
0
DCA2 DCA1 DCA0
PWCTR3
10.2.8
1
↑
1
-
0
0
0
0
0
0
0
0
APA: adjust the
operational amplifier
DCA: adjust the booster
Voltage
0
↑
1
-
1
1
0
0
0
0
1
1
(C3h) In Idle mode (8-colors)
-
0
0
0
0
0
APB2 APB1 APB0
1
↑
1
-
0
0
0
0
0
0
0
0
-
0
0
0
0
0
DCB2 DCB1 DCB0
PWCTR4
10.2.9
1
↑
1
-
0
0
0
0
0
0
0
0
APB: adjust the
operational amplifier
DCB: adjust the booster
Voltage
0
↑
1
-
1
1
0
0
0
1
0
0
(C4h)
In partial mode + Full
colors
1
↑
1
-
0
0
0
0
0
APC2 APC1 APC0
PWCTR5 10.2.10
1
↑
1
-
0
0
0
0
0
DCC2 DCC1 DCC0
APC: adjust the
operational amplifier
DCC: adjust the booster
circuit for Idle mode
0
↑
1
-
1
1
0
0
0
1
0
1
(C5h)
VCOM control 1
1
↑
1
-
-
VMH6 VMH5 VMH4 VMH3 VMH2 VMH1 VMH0
VMCTR1 10.2.11
1
↑
1
-
-
VML6 VML5 VML4 VML3 VML2 VML1 VML0
VMH: VCOMH voltage
control
VML: VCOML voltage
control
0
↑
1
-
1
1
0
0
0
1
1
1
(C7h) Set VCOM offset control
VMOFCTR 10.2.12
1
↑
1
-
-
-
-
VMF4 VMF3 VMF2 VMF1 VMF0
0
↑
1
-
1
1
0
1
0
0
0
1
(D1h) Set LCM version code
WRID2
10.2.13
1
↑
1
-
-
ID2[6] ID2[5] ID2[4] ID2[3] ID2[2] ID2[1] ID2[0]
“-“: Don’t care
Note 1: C0h to C7h are fixed for about power controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com